データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1117ADT33TR データシート(PDF) 1 Page - STMicroelectronics

部品番号 LD1117ADT33TR
部品情報  Low drop fixed and adjustable positive voltage regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117ADT33TR データシート(HTML) 1 Page - STMicroelectronics

  LD1117ADT33TR Datasheet HTML 1Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 2Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 3Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 4Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 5Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 6Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 7Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 8Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
July 2013
DocID7194 Rev 26
1/24
LD1117A
Low drop fixed and adjustable positive voltage regulators
Datasheet
- production data
Features
• Low dropout voltage:
– 1.15 V typ. @ IOUT = 1 A, 25 °C
• Very low quiescent current:
– 5 mA typ. @ 25 °C
• Output current up to 1 A
• Fixed output voltage of:
– 1.2 V, 1.8 V, 3.3 V
• Adjustable version availability (VREF = 1.25 V)
• Internal current and thermal limit
• Only 10 µF for stability
• Available in ± 2% (at 25 °C) and 4% in full
temperature range
• High supply voltage rejection:
– 80 dB typ. (at 25 °C)
• Temperature range: 0 °C to 125 °C
Description
The LD1117A is a low drop voltage regulator able
to provide up to 1 A of output current, available
also in adjustable versions (VREF = 1.25 V). In
fixed versions, the following output voltages are
offered: 1.2 V, 1.8 V, and 3.3 V. The device is
supplied in: SOT-223, DPAK and TO-220. Surface
mounted packages optimize the thermal
characteristics while offering a relevant space
saving advantage. High efficiency is assured by
an NPN pass transistor. Only a very common 10
µF minimum capacitor is needed for stability. Chip
trimming allows the regulator to reach a very tight
output voltage tolerance, within ± 2% at 25 °C.
TO-220
SOT-223
DPAK
Table 1. Device summary
Order codes
Output voltage
SOT-223
DPAK
TO-220
LD1117AS12TR
LD1117ADT12TR
1.2 V
LD1117AS18TR
LD1117ADT18TR
1.8 V
LD1117AS33TR
LD1117ADT33TR
LD1117AV33
3.3 V
LD1117ASTR
LD1117ADT-TR
Adjustable from 1.25 V
www.st.com


同様の部品番号 - LD1117ADT33TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1117ADT33TR STMICROELECTRONICS-LD1117ADT33TR Datasheet
434Kb / 27P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - LD1117ADT33TR

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com