データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC541D データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC541D
部品情報  Octal buffer/line driver 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC541D データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC541D Datasheet HTML 7Page - NXP Semiconductors 74HC541D Datasheet HTML 8Page - NXP Semiconductors 74HC541D Datasheet HTML 9Page - NXP Semiconductors 74HC541D Datasheet HTML 10Page - NXP Semiconductors 74HC541D Datasheet HTML 11Page - NXP Semiconductors 74HC541D Datasheet HTML 12Page - NXP Semiconductors 74HC541D Datasheet HTML 13Page - NXP Semiconductors 74HC541D Datasheet HTML 14Page - NXP Semiconductors 74HC541D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74HC_HCT541
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 15 April 2014
11 of 19
NXP Semiconductors
74HC541; 74HTC541
Octal buffer/line driver; 3-state
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
CL = Load capacitance including jig and probe capacitance
RL = Load resistance
S1 = Test selection switch
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC541
VCC
6ns
15pF, 50 pF
1k
open
GND
VCC
74HCT541
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC


同様の部品番号 - 74HC541D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC541D PHILIPS-74HC541D Datasheet
43Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC541D TOSHIBA-74HC541D Datasheet
231Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HC541D NEXPERIA-74HC541D Datasheet
251Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 12 July 2021
74HC541D-Q100 NEXPERIA-74HC541D-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74HC541D-Q100 NEXPERIA-74HC541D-Q100 Datasheet
250Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 2 - 12 July 2021
More results

同様の説明 - 74HC541D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com