データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC10FX データシート(PDF) 4 Page - Analog Devices

部品番号 DAC10FX
部品情報  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

DAC10FX データシート(HTML) 4 Page - Analog Devices

  DAC10FX Datasheet HTML 1Page - Analog Devices DAC10FX Datasheet HTML 2Page - Analog Devices DAC10FX Datasheet HTML 3Page - Analog Devices DAC10FX Datasheet HTML 4Page - Analog Devices DAC10FX Datasheet HTML 5Page - Analog Devices DAC10FX Datasheet HTML 6Page - Analog Devices DAC10FX Datasheet HTML 7Page - Analog Devices DAC10FX Datasheet HTML 8Page - Analog Devices DAC10FX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DAC10
–4–
REV. D
ABSOLUTE MAXIMUM RATINGS
1
Operating Temperature
DAC10FX, GX, GS, GP . . . . . . . . . . . . . . . . 0
°C to +70°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . +300
°C
V+ Supply to V– Supply . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . V– to V– plus 36 V
VLC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V– to V+
Analog Current Outputs . . . . . . . . . . . . . . . . +18 V to –18 V
Reference Inputs (V16 to V17) . . . . . . . . . . . . . . . . . V– to V+
Reference Input Differential Voltage (V16 to V17) . . . .
±18 V
Reference Input Current (I16) . . . . . . . . . . . . . . . . . . 2.5 mA
Package Type
JA
2
JC
Units
18-Lead Hermetic DIP (X)
48
15
°C/W
18-Lead SOIC (S)
89
28
°C/W
18-Lead Plastic DIP (P)
74
33
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for Cerdip packages.
ORDERING GUIDE
INL
Temperature
Package
Package
Model
(LSB)
Range
Description Options
DAC10FX
0.5
0
°C to +70°C Cerdip
Q-18
DAC10GX
1
0
°C to +70°C Cerdip
Q-18
DAC10GS
1
0
°C to +70°C SOIC
R-18
DAC10GP
1
0
°C to +70°C Plastic DIP N-18
PIN CONNECTIONS
18-Lead Hermetic DIP
18-Lead Plastic DIP
18-Lead SOIC
TOP VIEW
(Not to Scale)
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
DAC10
B5
B4
VLC
IO
V–
IO
B3
B2
(MSB) B1
B6
B7
COMP
VREF(–)
VREF(+)
V+
B8
B9
B10 (LSB)


同様の部品番号 - DAC10FX

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC10FX AD-DAC10FX Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
More results

同様の説明 - DAC10FX

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com