データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAP50-04_2015 データシート(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BAP50-04_2015
部品情報  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP50-04_2015 データシート(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP50-04_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-04_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Dec 03
4
Philips Semiconductors
Product specification
General purpose PIN diode
BAP50-04
GRAPHICAL DATA
handbook, halfpage
103
10
102
1
MGS317
10−2
10−1
110
IF (mA)
r
D
(
Ω)
Fig.2
Forward resistance as a function of the
forward current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
0
5
10
20
VR (V)
Cd
(fF)
600
0
200
400
15
MGL927
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
0.5
3
f (GHz)
|S21|
2
(dB)
0
−5
−4
MGS319
−3
−2
−1
1
(1)
(2)
(3)
1.5
2
2.5
Fig.4
Insertion loss (
|S21|2) of the diode in on-state
as a function of frequency; typical values.
(1) IF =10mA.
(2) IF = 1 mA.
(3) IF = 0.5 mA.
Diode inserted in series with a 50
Ω stripline circuit and
biased via the analyzer Tee network.
Tamb =25 °C.
handbook, halfpage
0.5
3
f (GHz)
|S21|
2
(dB)
0
−25
−20
MGS320
−15
−10
−5
1
1.5
2
2.5
Fig.5
Isolation (
|S21|2) of the diode in off-state as
a function of frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25 °C.


同様の部品番号 - BAP50-04_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAP50-04W PHILIPS-BAP50-04W Datasheet
60Kb / 8P
   General purpose PIN diode
2001 Jan 29
BAP50-04W NXP-BAP50-04W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP50-04W NXP-BAP50-04W Datasheet
197Kb / 9P
   Silicon PIN diode
Rev. 3.1
BAP50-04W PHILIPS-BAP50-04W_15 Datasheet
177Kb / 8P
   General purpose PIN diode
2001 Jan 29
logo
Quanzhou Jinmei Electro...
BAP50-04W JMNIC-BAP50-04W_15 Datasheet
64Kb / 8P
   General purpose PIN diode
More results

同様の説明 - BAP50-04_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com