データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6963DQ-T1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI6963DQ-T1
部品情報  Dual P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6963DQ-T1 データシート(HTML) 2 Page - Vishay Siliconix

  SI6963DQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6963DQ
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71812
S-20220—Rev. D, 01-Apr-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
- 0.6
- 1.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V, TJ = 55_C
-25
mA
On-State Drain Currenta
ID(on)
VDS w -5 V, VGS = - 4.5 V
-30
A
Drain Source On State Resistancea
r
VGS = - 4.5 V, ID = - 3.5 A
0.037
0.050
W
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 2.7 A
0.062
0.085
W
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 3.5 A
10
S
Diode Forward Voltagea
VSD
IS = - 1.25 A, VGS = 0 V
- 0.72
- 1.2
V
Dynamicb
Total Gate Charge
Qg
12.5
20
Gate-Source Charge
Qgs
VDS = - 10 V, VGS = - 4.5 V, ID = - 3.5 A
1.9
nC
Gate-Drain Charge
Qgd
3.2
Turn-On Delay Time
td(on)
20
30
Rise Time
tr
VDD = - 10 V, RL = 10 W
26
40
Turn-Off Delay Time
td(off)
VDD = - 10 V, RL = 10 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
48
75
ns
Fall Time
tf
30
45
Source-Drain Reverse Recovery Time
trr
IF = - 1.25 A, di/dt = 100 A/ms
30
50
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
6
12
18
24
30
0
2468
10
VGS = 5 thru 3.5 V
TC = - 55_C
125
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
2 V
3 V
2.5 V


同様の部品番号 - SI6963DQ-T1

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SI6963DQ FAIRCHILD-SI6963DQ Datasheet
98Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results

同様の説明 - SI6963DQ-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com