データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAP55L_2015 データシート(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BAP55L_2015
部品情報  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP55L_2015 データシート(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP55L_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP55L_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9397 750 14811
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 April 2005
4 of 8
Philips Semiconductors
BAP55L
Silicon PIN diode
f = 100 MHz; Tj =25 °C.
f = 1 MHz; Tj =25 °C.
Fig 1.
Forward resistance as a function of forward
current; typical values
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values
(1) IF = 100 mA.
(2) IF =10mA.
(3) IF = 1 mA.
(4) IF = 0.5 mA.
Diode inserted in series with a 50
Ω stripline circuit
and biased via the analyzer Tee network.
Tamb =25 °C.
Diode zero biased and inserted in series with a 50
stripline circuit.
Tamb =25 °C.
Fig 3.
Insertion loss (
|s21|2) of the diode as a function
of frequency; typical values
Fig 4.
Isolation (
|s12|2) of the diode as a function of
frequency; typical values
IF (mA)
10−1
102
10
1
001aac628
10
1
102
rD
(
Ω)
10−1
VR (V)
020
15
510
001aac629
200
100
300
400
Cd
(fF)
0
001aac630
f (MHz)
03
2
1
−0.50
−0.75
−0.25
0
|S21|2
(dB)
−1.00
(1)
(2)
(3)
(4)
001aac631
f (MHz)
03
2
1
−20
−30
−10
0
|S12|2
(dB)
−40


同様の部品番号 - BAP55L_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX Datasheet
67Kb / 8P
   Silicon PIN diode
Rev. 01-30 July 2007
BAP55LX NXP-BAP55LX Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
BAP55LX NXP-BAP55LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
BAP55LX PHILIPS-BAP55LX_15 Datasheet
296Kb / 16P
   Silicon PIN diode
Rev. 4-6 August 2013
More results

同様の説明 - BAP55L_2015

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com