データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAP1321-04_2015 データシート(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BAP1321-04_2015
部品情報  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP1321-04_2015 データシート(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP1321-04_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP1321-04_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Apr 17
4
Philips Semiconductors
Product specification
Silicon PIN diode
BAP1321-04
GRAPHICAL DATA
handbook, halfpage
10
1
10−1
MLD587
10−1
1
IF (mA)
rD
(
Ω)
10
102
Fig.2
Forward resistance as a function of
forward current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
020
500
0
100
200
300
400
4
Cd
(fF)
VR (V)
812
16
MLD588
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
01
f (GHz)
3
0
−0.2
−0.6
−0.8
−0.4
2
MLD589
s21
2
(
dB)
(1)
(2)
(3)
(4)
Fig.4
Insertion loss (
|s21|2) of the diode as a
function of frequency; typical values.
(1) IF = 100 mA.
(2) IF =10mA.
(3) IF = 1 mA.
(4) IF = 0.5 mA.
Diode inserted in series with a 50
Ω stripline circuit
and biased via the analyzer Tee network.
Tamb =25 °C.
handbook, halfpage
01
f (GHz)
3
0
−10
−30
−40
−20
2
MLD590
s21
2
(
dB)
Fig.5
Isolation (
|s21|2) of the diode as a function
of frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25 °C.


同様の部品番号 - BAP1321-04_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BAP1321-04 JMNIC-BAP1321-04_15 Datasheet
71Kb / 8P
   Silicon PIN diode
More results

同様の説明 - BAP1321-04_2015

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com