データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSA34 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SSA34
部品情報  High-Current Density Surface Mount Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA34 データシート(HTML) 1 Page - Vishay Siliconix

  SSA34 Datasheet HTML 1Page - Vishay Siliconix SSA34 Datasheet HTML 2Page - Vishay Siliconix SSA34 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
New Product
SSA33L & SSA34
Vishay General Semiconductor
1
High-Current Density Surface Mount Schottky Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
MECHANICAL DATA
Case: DO-214AC (SMA)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
30 V, 40 V
IFSM
75 A
VF
0.38 V, 0.42 V
TJ max.
150 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSA33L
SSA34
UNIT
Device marking code
33L
S34
V
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum RMS voltage
VRMS
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Maximum average forward rectified current at TL (Fig. 1)
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
75
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 150
°C


同様の部品番号 - SSA34

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SSA34 VISHAY-SSA34 Datasheet
63Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
16-Jun-04
SSA34 VISHAY-SSA34 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SSA34 VISHAY-SSA34 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 20-Apr-11
logo
Shenzhen Taychipst Elec...
SSA34 TAYCHIPST-SSA34 Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SSA34 VISHAY-SSA34 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 28-Apr-14
More results

同様の説明 - SSA34

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com