データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1201_2015 データシート(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1201_2015
部品情報  N-channel dual-gate PoLo MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1201_2015 データシート(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1201_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1201_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Mar 29
6
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1201; BF1201R;
BF1201WR
handbook, halfpage
0
IG1 (µA)
10
50
16
12
4
0
8
20
30
40
MCD939
ID
(mA)
Fig.9
Drain current as a function of gate 1 current;
typical values.
VDS = 5 V; VG2-S =4V.
Tj =25 °C.
handbook, halfpage
05
20
0
4
8
12
16
12
3
4
VGG (V)
ID
(mA)
MCD940
Fig.10 Drain current as a function of gate 1 supply
voltage (= VGG); typical values.
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 =62kΩ (connected to VGG); see Fig.21.
handbook, halfpage
010
25
0
5
10
15
20
24
6
8
VGG = VDS (V)
ID
(mA)
MCD941
RG1 = 39 kΩ
47 k
56 k
62 k
68 k
82 k
100 k
Fig.11 Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.21.
handbook, halfpage
024
6
VG2-S (V)
ID
(mA)
20
0
16
12
8
4
MCD942
VGG = 5 V
4.5 V
4 V
3.5 V
3 V
VDS = 5 V; Tj =25 °C.
RG1 =62kΩ (connected to VGG); see Fig.21.
Fig.12 Drain current as a function of gate 2
voltage; typical values.


同様の部品番号 - BF1201_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1201R PHILIPS-BF1201R Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1201R NXP-BF1201R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1201WR PHILIPS-BF1201WR Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1201WR NXP-BF1201WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
More results

同様の説明 - BF1201_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com