データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1205C_2015 データシート(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1205C_2015
部品情報  Dual N-channel dual gate MOS-FET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1205C_2015 データシート(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1205C_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205C_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BF1205C_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 15 August 2006
8 of 22
Philips Semiconductors
BF1205C
Dual N-channel dual gate MOS-FET
VDS(a) =VDS(b) =Vsupply, VG2-S =4V, Tj =25 °C,
RG1(b) = 150 kΩ (connected to ground); see
Figure 3.
(1) VDS(b) =5V.
(2) VDS(b) = 4.5 V.
(3) VDS(b) =4V.
(4) VDS(b) = 3.5 V.
(5) VDS(b) =3V.
(6) VDS(b) = 2.5 V.
VDS(a) =5V; VG1-S(b) = 0 V; gate 1 (a) = open;
Tj =25 °C.
Fig 8.
Drain current of amplifier a as a function of
supply voltage of a and b amplifier; typical
values.
Fig 9.
Drain current as a function of gate 2 and drain
supply voltage; typical values.
Vsupply (V)
05
4
23
1
001aaa558
8
12
4
16
20
ID
(mA)
0
001aaa559
VG2-S (V)
06
4
2
16
8
24
32
ID
(mA)
0
(1)
(2)
(3)
(4)
(5)
(6)
VDS(a) =VDS(b) =5V; VG1-S(b) =0V; fw = 50 MHz;
funw = 60 MHz; Tamb =25 °C; see Figure 33.
VDS(a) =VDS(b) =5V; VG1-S(b) = 0 V; f = 50 MHz; see
Figure 33.
Fig 10. Unwanted voltage for 1 % cross-modulation as
a function of gain reduction; typical values.
Fig 11. Gain reduction as a function of AGC voltage;
typical values.
gain reduction (dB)
050
40
20
30
10
001aaa560
100
90
110
120
Vunw
(dB
µV)
80
VAGC (V)
04
3
12
001aaa561
30
20
40
10
0
gain
reduction
(dB)
50


同様の部品番号 - BF1205C_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
More results

同様の説明 - BF1205C_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com