データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1207_2015 データシート(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1207_2015
部品情報  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1207_2015 データシート(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1207_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
9397 750 14955
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2005
4 of 22
Philips Semiconductors
BF1207
Dual N-channel dual gate MOSFET
6.
Thermal characteristics
7.
Static characteristics
Fig 1.
Power derating curve
Tsp (°C)
0
200
150
50
100
001aac741
100
150
50
200
250
Ptot
(mW)
0
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to soldering point
240
K/W
Table 7:
Static characteristics
Tj =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Per MOSFET; unless otherwise specified
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S =0V; ID =10 µA
amplifier A
6
-
-
V
amplifier B
6
-
-
V
V(BR)G1-SS
gate1-source breakdown voltage
VGS =VDS =0V; IG1-S =10mA
6
-
10
V
V(BR)G2-SS
gate2-source breakdown voltage
VGS =VDS =0V; IG2-S =10mA
6
-
10
V
VF(S-G1)
forward source-gate1 voltage
VG2-S =VDS =0V; IS-G1 = 10 mA
0.5
-
1.5
V
VF(S-G2)
forward source-gate2 voltage
VG1-S =VDS =0V; IS-G2 = 10 mA
0.5
-
1.5
V
VG1-S(th)
gate1-source threshold voltage
VDS =5V; VG2-S =4V; ID = 100 µA
0.3
-
1.0
V
VG2-S(th)
gate2-source threshold voltage
VDS =5V; VG1-S =5V; ID = 100 µA
0.4
-
1.0
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG1 =68kΩ
amplifier A
[1] 13
-
23
mA
amplifier B
[2] 9
-
19
mA


同様の部品番号 - BF1207_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1207 JMNIC-BF1207_15 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results

同様の説明 - BF1207_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com