データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1208D_2015 データシート(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1208D_2015
部品情報  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1208D_2015 データシート(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1208D_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BF1208D_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 May 2007
3 of 22
NXP Semiconductors
BF1208D
Dual N-channel dual gate MOSFET
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the source lead.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BF1208D
-
plastic surface-mounted package; 6 leads
SOT666
Table 4.
Marking codes
Type number
Marking code
BF1208D
4A
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per MOSFET
VDS
drain-source voltage
DC
-
6
V
ID
drain current
DC
-
30
mA
IG1
gate1 current
-
±10
mA
IG2
gate2 current
-
±10
mA
Ptot
total power dissipation
Tsp ≤ 109 °C
[1] -
180
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Power derating curve
Tsp (˚C)
0
200
150
50
100
001aac193
100
150
50
200
250
Ptot
(mW)
0


同様の部品番号 - BF1208D_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
More results

同様の説明 - BF1208D_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com