データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1210_2015 データシート(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1210_2015
部品情報  Dual N-channel dual gate MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1210_2015 データシート(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1210_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BF1210_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
9 of 21
NXP Semiconductors
BF1210
Dual N-channel dual gate MOSFET
VDS(A) =5V; VGG =5V; ID(nom)(A) =19mA;
RG1(A) =59kΩ; f = 50 MHz; Tamb =25 °C;
see Figure 32.
VDS(A) =5V; VGG =5V; VG2-S(nom) =4V;
RG1(A) =59kΩ; fw = 50 MHz; funw = 60 MHz;
ID(nom)(A) = 19 mA; Tamb =25 °C; see Figure 32.
Fig 10. Amplifier A: typical gain reduction as a function
of the AGC voltage; typical values
Fig 11. Amplifier A: unwanted voltage for 1 %
cross modulation as a function of gain
reduction; typical values
VDS(A) =5V; VGG =5V; VG2-S(nom) =4V; RG1(A) =59kΩ; f = 50 MHz; ID(nom)(A) = 19 mA; Tamb =25 °C; see Figure 32.
Fig 12. Amplifier A: typical drain current as a function of gain reduction; typical values
001aaf484
VAGC (V)
04
3
12
30
20
40
10
0
gain
reduction
(dB)
50
001aaf485
gain reduction (dB)
050
40
20
30
10
90
100
110
Vunw
(dB
µV)
80
001aaf486
gain reduction (dB)
050
40
20
30
10
10
20
30
ID
(mA)
0


同様の部品番号 - BF1210_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results

同様の説明 - BF1210_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com