データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL062A データシート(PDF) 12 Page - STMicroelectronics

部品番号 TL062A
部品情報  Low-power JFET dual operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062A データシート(HTML) 12 Page - STMicroelectronics

Back Button TL062A Datasheet HTML 7Page - STMicroelectronics TL062A Datasheet HTML 8Page - STMicroelectronics TL062A Datasheet HTML 9Page - STMicroelectronics TL062A Datasheet HTML 10Page - STMicroelectronics TL062A Datasheet HTML 11Page - STMicroelectronics TL062A Datasheet HTML 12Page - STMicroelectronics TL062A Datasheet HTML 13Page - STMicroelectronics TL062A Datasheet HTML 14Page - STMicroelectronics TL062A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
TL062, TL062A, TL062B
12/15
Doc ID 2294 Rev 4
5.1
DIP8 package information
Figure 20.
DIP8 package outline
Table 5.
DIP8 package mechanical data
Note:
Dimensions "D" and "E1" do not include mold flash, protrusions or gate burrs. Mold flash,
protrusions or gate burrs shall not exceed 0.25 mm in total (both sides). Datum plane "H"
coincides with the bottom of the lead, where the lead exits the body.
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150


同様の部品番号 - TL062A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL062A STMICROELECTRONICS-TL062A Datasheet
111Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL062A TI-TL062A Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL062A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com