データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC80251G2D データシート(PDF) 10 Page - ATMEL Corporation

部品番号 TSC80251G2D
部品情報  Registers Accessible as Bytes, Words or Dwords
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC80251G2D データシート(HTML) 10 Page - ATMEL Corporation

Back Button TSC80251G2D_14 Datasheet HTML 6Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 7Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 8Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 9Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 10Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 11Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 12Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 13Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
10
AT/TSC8x251G2D
4135F–8051–11/06
Note:
The description of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the Non-Page mode chip con-
figuration. If the chip is configured in Page mode operation, port 0 carries the lower
address bits (A7:0) while port 2 carries the upper address bits (A15:8) and the data
(D7:0).
XTAL2
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this
pin. If an external oscillator is used, leave XTAL2 unconnected.
Table 2.
Product Name Signal Description (Continued)
Signal
Name
Type
Description
Alternate
Function


同様の部品番号 - TSC80251G2D_14

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D-16CB TEMIC-TSC80251G2D-16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

同様の説明 - TSC80251G2D_14

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT86RF230 ATMEL-AT86RF230_14 Datasheet
1Mb / 98P
   Registers and Frame Buffer Accessible through Fast SPI
AT91FR40162SB ATMEL-AT91FR40162SB_14 Datasheet
3Mb / 214P
   1024K Words 16-bit Flash Memory (2M bytes)
logo
SyncMOS Technologies,In...
SM8958B SYNCMOS-SM8958B Datasheet
792Kb / 49P
   256 bytes SRAM as standard 8052
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
SM5954 SYNCMOS-SM5954 Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
OKI electronic componet...
MSM531652F OKI-MSM531652F Datasheet
102Kb / 8P
   1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
MSM538052E OKI-MSM538052E Datasheet
103Kb / 8P
   524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
logo
AAEON Technology
FWS-2251 AAEON-FWS-2251 Datasheet
299Kb / 2P
   Accessible SIM Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com