データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3941HFP データシート(PDF) 8 Page - Rohm

部品番号 BD3941HFP
部品情報  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3941HFP データシート(HTML) 8 Page - Rohm

  BD3941HFP Datasheet HTML 1Page - Rohm BD3941HFP Datasheet HTML 2Page - Rohm BD3941HFP Datasheet HTML 3Page - Rohm BD3941HFP Datasheet HTML 4Page - Rohm BD3941HFP Datasheet HTML 5Page - Rohm BD3941HFP Datasheet HTML 6Page - Rohm BD3941HFP Datasheet HTML 7Page - Rohm BD3941HFP Datasheet HTML 8Page - Rohm BD3941HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/8
Catalog NO.05T389Be '05.10 ROHM C 1000 TSU
The contents described herein are correct as of October, 2005
The contents described herein are subject to change without notice. For updates of the latest information, please contact and confirm with ROHM CO.,LTD.
Any part of this application note must not be duplicated or copied without our permission.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding
upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams and information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any
warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such
infringement, or arising from or connected with or related to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, implied right or license to practice or commercially exploit any intellectual property rights or other
proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer.
The products described herein utilize silicon as the main material.
The products described herein are not designed to be X ray proof.
Published by
Application Engineering Group
When you order , please order in times the amount of package quantity.
Container
Quantity
Direction
of feed
Tube
500pcs
Direction of products is fixed in a container tube.
<Packing information>
TO220FP-3
(Unit:mm)
<Dimension>
3.2
± 0.1
φ
0.55
1
2.54
± 0.5
0.8
3
2.54
± 0.5
1.3
− 0.1
+ 0.3
10.0
7.0
− 0.1
+ 0.3
2.6
± 0.5
− 0.05
+ 0.1
+ 0.2
− 0.1
− 0.1
+ 0.3
4.5
2.8
(Unit:mm)
HRP5
<Dimension>
S
S
(MAX 9.745 include BURR)
5
4
3
2
1
1.905
± 0.1
-
0.05
+
0.1
0.27
4.5
(5.59)
8.82 – 0.1
9.395
± 0.125
0.08
0.73
± 0.1
1.72
1.2575
-
4.5
+
5.5
<Tape and Reel information>
Embossed carrier tape
TR
(The direction is the 1pin of product is at the upper light when you hold
reel on the left hand and you pull out the tape on the right hand)
Tape
Quantity
Direction
of feed
2000pcs
When you order , please order in times the amount of package quantity.
Reel
1pin
Direction of feed
x x x x
x x x x
x x x x
x x x x
x x x x


同様の部品番号 - BD3941HFP

メーカー部品番号データシート部品情報
logo
Rohm
BD3941HFP ROHM-BD3941HFP Datasheet
340Kb / 6P
   Reference Voltage Regulator
BD3941HFP ROHM-BD3941HFP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

同様の説明 - BD3941HFP

メーカー部品番号データシート部品情報
logo
Rohm
BD3940FP-E2 ROHM-BD3940FP-E2 Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com