データシートサーチシステム |
|
FM93C46N データシート(PDF) 1 Page - Fairchild Semiconductor |
|
FM93C46N データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 13 page 1 www.fairchildsemi.com FM93C46 Rev. D.1 July 2000 © 2000 Fairchild Semiconductor International FM93C46 1024-Bit Serial CMOS EEPROM (MICROWIRE™ Synchronous Bus) General Description FM93C46 is a 1024-bit CMOS non-volatile EEPROM organized as 64 x 16-bit array. This device features MICROWIRE interface which is a 4-wire serial bus with chipselect (CS), clock (SK), data input (DI) and data output (DO) signals. This interface is compat- ible to many of standard Microcontrollers and Microprocessors. There are 7 instructions implemented on the FM93C46 for various Read, Write, Erase, and Write Enable/Disable operations. This device is fabricated using Fairchild Semiconductor floating-gate CMOS process for high reliability, high endurance and low power consumption. “LZ” and “L” versions of FM93C46 offer very low standby current making them suitable for low power applications. This device is offered in both SO and TSSOP packages for small space consid- erations. Functional Diagram Features I Wide V CC 2.7V - 5.5V I Typical active current of 200µA 10 µA standby current typical 1 µA standby current typical (L) 0.1 µA standby current typical (LZ) I No Erase instruction required before Write instruction I Self timed write cycle I Device status during programming cycles I 40 year data retention I Endurance: 1,000,000 data changes I Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP INSTRUCTION DECODER CONTROL LOGIC AND CLOCK GENERATORS HIGH VOLTAGE GENERATOR AND PROGRAM TIMER INSTRUCTION REGISTER ADDRESS REGISTER EEPROM ARRAY READ/WRITE AMPS DATA IN/OUT REGISTER 16 BITS DECODER 16 16 DATA OUT BUFFER CS SK DI DO VSS VCC |
同様の部品番号 - FM93C46N |
|
同様の説明 - FM93C46N |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |