データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM555CN データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 LM555CN
部品情報  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555CN データシート(HTML) 3 Page - Fairchild Semiconductor

  LM555CN Datasheet HTML 1Page - Fairchild Semiconductor LM555CN Datasheet HTML 2Page - Fairchild Semiconductor LM555CN Datasheet HTML 3Page - Fairchild Semiconductor LM555CN Datasheet HTML 4Page - Fairchild Semiconductor LM555CN Datasheet HTML 5Page - Fairchild Semiconductor LM555CN Datasheet HTML 6Page - Fairchild Semiconductor LM555CN Datasheet HTML 7Page - Fairchild Semiconductor LM555CN Datasheet HTML 8Page - Fairchild Semiconductor LM555CN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM555 Rev. 1.1.0
3
Electrical Characteristics
Values are at TA = 25°C, VCC = 5 ~ 15 V unless otherwise specified.
Notes:
1. When the output is high, the supply current is typically 1 mA less than at VCC = 5 V.
2. Tested at VCC = 5.0 V and VCC = 15 V.
3. These parameters, although guaranteed, are not 100% tested in production.
4.
This determines the maximum value of RA + RB for 15 V operation, the maximum total R = 20 MΩ, and for 5 V
operation, the maximum total R = 6.7 M
Ω.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
16.0
V
Supply Current (Low Stable) (1)
ICC
VCC = 5 V, RL = ∞
36
mA
VCC = 15 V, RL = ∞
7.5
15.0
mA
Timing Error (Monostable)
Initial Accuracy (2)
ACCUR
RA = 1 kΩ to100 kΩ
C = 0.1
μF
1.0
3.0
%
Drift with Temperature (3)
Δt / ΔT50
ppm / °C
Drift with Supply Voltage (3)
Δt / ΔVCC
0.1
0.5
% / V
Timing Error (Astable)
InItial Accuracy (2)
ACCUR
RA = 1 kΩ to 100kΩ
C = 0.1
μF
2.25
%
Drift with Temperature (3)
Δt / ΔT
150
ppm / °C
Drift with Supply Voltage (3)
Δt / ΔVCC
0.3
% / V
Control Voltage
VC
VCC = 15 V
9.0
10.0
11.0
V
VCC = 5 V
2.60
3.33
4.00
V
Threshold Voltage
VTH
VCC = 15 V
10.0
V
VCC = 5V
3.33
V
Threshold Current (4)
ITH
0.10
0.25
μA
Trigger Voltage
VTR
VCC = 5 V
1.101.672.20
V
VCC = 15 V
4.5
5.0
5.6
V
Trigger Current
ITR
VTR = 0 V
0.01
2.00
μA
Reset Voltage
VRST
0.4
0.7
1.0
V
Reset Current
IRST
0.1
0.4
mA
Low Output Voltage
VOL
VCC = 15 V
ISINK = 10 mA
0.06
0.25
V
ISINK = 50 mA
0.30
0.75
V
VCC = 5 V, ISINK = 5 mA
0.05
0.35
V
High Output Voltage
VOH
VCC = 15 V
ISOURCE = 200 mA
12.5
V
ISOURCE = 100 mA
12.75
13.30
V
VCC = 5 V, ISOURCE = 100 mA
2.75
3.30
V
Rise Time of Output(3)
tR
100
ns
Fall Time of Output(3)
tF
100
ns
Discharge Leakage Current
ILKG
20
100
nA


同様の部品番号 - LM555CN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM555CN NSC-LM555CN Datasheet
822Kb / 12P
   Timer
logo
Fairchild Semiconductor
LM555CN FAIRCHILD-LM555CN Datasheet
150Kb / 14P
   Single Timer
logo
Intersil Corporation
LM555CN INTERSIL-LM555CN Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
LM555CN HARRIS-LM555CN Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
LM555CN HARRIS-LM555CN Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results

同様の説明 - LM555CN

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com