データシートサーチシステム |
|
KA7815AETU データシート(PDF) 8 Page - Fairchild Semiconductor |
|
KA7815AETU データシート(HTML) 8 Page - Fairchild Semiconductor |
8 / 27 page © 2006 Fairchild Semiconductor Corporation www.fairchildsemi.com KA78XXE / KA78XXAE Rev. 1.1.1 8 Electrical Characteristics (KA7810E) Refer to test circuit, 0 °C < TJ < 125°C, IO = 500 mA, VI = 16 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified. Notes: 11. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. 12. These parameters, although guaranteed, are not 100% tested in production. Symbol Parameter Conditions Min. Typ. Max. Unit VO Output Voltage TJ = +25°C 9.6 10.0 10.4 V 5.0 mA ≤ IO ≤ 1.0 A, PO ≤ 15 W, VI = 12.5 V to 25 V 9.5 10.0 10.5 Regline Line Regulation(11) TJ = +25°C VI = 12.5 V to 25 V 10 200 mV VI = 13 V to 25 V 3 100 Regload Load Regulation(11) TJ = +25°C IO = 5 mA to 1.5 A 12 200 mV IO = 250 mA to 750 mA 4 400 IQ Quiescent Current TJ = +25°C5.1 8.0 mA ΔIQ Quiescent Current Change IO = 5 mA to 1.0 A 0.5 mA VI = 12.5 V to 29 V 1.0 ΔVO/ΔT Output Voltage Drift(12) IO = 5 mA -1.0 mV/ °C VN Output Noise Voltage f = 10 Hz to 100 kHz, TA = +25°C 58.0 μV/Vo RR Ripple Rejection(12) f = 120 Hz, VI = 13 V to 23 V 56.0 71.0 dB VDrop Dropout Voltage IO = 1 A, TJ = +25°C2.0 V RO Output Resistance(12) f = 1 kHz 17.0 m Ω ISC Short-Circuit Current VI = 35 V, TA = +25°C250 mA IPK Peak Current(12) TJ = +25°C2.2 A |
同様の部品番号 - KA7815AETU |
|
同様の説明 - KA7815AETU |