データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU4211FVE-TR データシート(PDF) 10 Page - Rohm

部品番号 BU4211FVE-TR
部品情報  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU4211FVE-TR データシート(HTML) 10 Page - Rohm

Back Button BU4211FVE-TR Datasheet HTML 6Page - Rohm BU4211FVE-TR Datasheet HTML 7Page - Rohm BU4211FVE-TR Datasheet HTML 8Page - Rohm BU4211FVE-TR Datasheet HTML 9Page - Rohm BU4211FVE-TR Datasheet HTML 10Page - Rohm BU4211FVE-TR Datasheet HTML 11Page - Rohm BU4211FVE-TR Datasheet HTML 12Page - Rohm BU4211FVE-TR Datasheet HTML 13Page - Rohm BU4211FVE-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Datasheet
10/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.008
www.rohm.com
TSZ22111・15・001
●Application Information
Explanation of Operation
For both the open drain type (Fig.15) and the CMOS output type (Fig.16), the detection and release voltages are used as
threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VouT terminal
voltage switches from either “High” to “Low” or from “Low” to “High”. BU42xx and BU43xx series have delay time function
which set tPLH (Output “Low”
”High”) using an external capacitor (CCT). Because the BU42xx series uses an open drain
output type, it is necessary to connect a pull-up resistor to VDD or another power supply if needed [The output “High”
voltage (VOUT) in this case becomes VDD or the voltage of the other power supply].
Fig.15 (BU42xx series Internal Block Diagram)
Fig.16 (BU43xx type Internal Block Diagram)
Setting of Detector Delay Time
The delay time of this detector IC can be set at the rise of VDD by the capacitor connected to CT terminal.
Delay time at the rise of VDD tPLH:Time until when VouT rises to 1/2 of VDD after VDD rises up and beyond the release
voltage(VDET+∆VDET)
TPLH=-1×CCT×RCT×ln
CCT:
CT pin Externally Attached Capacitance
VCTH:
CT pin Threshold Voltage(P.3 VCTH refer.)
RCT:
CT pin Internal Impedance(P.3 RCT refer.)
ln:
Natural Logarithm
Reference Data of Falling Time (tPHL) Output
Examples of Falling Time (tPHL) Output
Part Number
tPHL [µs]
BU4245
275.7
BU4345
359.3
* This data is for reference only.
The figures will vary with the application, so please confirm the actual operating conditions before use.
Timing Waveforms
Example: The following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output
voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are shown in
Fig.15 and 16).
① When the power supply is turned on, the output is unstable from
after over the operating limit voltage (VOPL) until tPHL. Therefore, it is
possible that the reset signal is not outputted when the rise time of
VDD is faster than tPHL.
② When VDD is greater than VOPL but less than the reset release
voltage (VDET+∆VDET), the CT terminal (VCT) and output (VOUT)
voltages will switch to L.
③ If VDD exceeds the reset release voltage (VDET+VDET), then VOUT
switches from L to H (with a delay to the CT terminal).
④ If VDD drops below the detection voltage (VDET) when the power
supply is powered down or when there is a power supply fluctuation,
VOUT switches to L (with a delay of tPHL).
⑤ The potential difference between the detection voltage and the
release voltage is known as the hysteresis width (VDET). The system
is designed such that the output does not toggle with power supply
fluctuations within this hysteresis width, preventing malfunctions due
to noise.
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q1
VOUT
RESET
VDD
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q2
VOUT
RESET
Q1
VDD
VDD-VCTH
VDD
VDD
VDET+ΔVDET
VDET
VOPL
0V
1/2 VDD
tPHL
tPLH
tPHL
tPLH
VCT
VOUT
Fig.17
Timing Waveforms


同様の部品番号 - BU4211FVE-TR

メーカー部品番号データシート部品情報
logo
Rohm
BU4211FVE-TR ROHM-BU4211FVE-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4211FVE-TR ROHM-BU4211FVE-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

同様の説明 - BU4211FVE-TR

メーカー部品番号データシート部品情報
logo
Rohm
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com