データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-306-DB データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 P-306-DB
部品情報  300 Series Deep Bracket (DB)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

P-306-DB データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  P-306-DB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-44
DURA-CON®
High Reliability
All-Plastic
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
2
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
Deep Bracket
300 Series Deep Bracket (DB)
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
2
P-302-DB
S-302-DB
3
P-303-DB
S-303-DB
4
P-304-DB
S-304-DB
6
P-306-DB
S-306-DB
8
N/A
N/A
10
N/A
N/A
12
P-312-DB
N/A
15
P-315-DB
S-315-DB
18
P-318-DB
S-318-DB
21
P-321-DB
S-321-DB
24
P-324-DB
S-324-DB
27
P-327-DB
S-327-DB
30
P-330-DB
S-330-DB
33
P-333-DB
S-333-DB
Dimensions
Y = length of plug or socket tails.
LM
No. of
±.063 (1.60mm)
±.031 (.79mm)
Polarizing
Contacts
in
mm
in
mm
Pin
15
2.813
71.44
2.375
60.33
NO
18
3.125
79.38
2.688
68.28
NO
21
3.437
87.31
3.000
76.20
NO
24
3.750
95.25
3.313
84.15
14
27
4.063
103.19
3.625
92.08
14
30
4.375
111.13
3.938
100.03
14
33
4.688
119.06
4.250
107.95
17
AB
C
Reference
in
mm
in
mm
in
mm
302-DB thru
312-DB
1.453
36.91
1.125
28.58
1.750
38.10
315-DB
2.000
50.80
1.438
36.53
2.376
60.35
318-DB
2.313
58.75
1.438
36.53
2.688
68.28
321-DB
2.625
66.68
1.438
36.53
3.000
76.20
324-DB
2.938
74.63
1.438
36.53
3.312
84.12
327-DB
3.250
82.55
1.438
36.53
3.626
92.10
330-DB
3.562
90.47
1.438
36.53
3.938
100.03
333-DB
3.875
98.43
1.438
36.53
4.250
107.95
Panel Cutout Dimensions
Marketed exclusively through distribution.


同様の部品番号 - P-306-DB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
P-306-DB ETC2-P-306-DB Datasheet
60Kb / 2P
   Multiple Density Solder Eyelet
More results

同様の説明 - P-306-DB

メーカー部品番号データシート部品情報
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
   300 MHz minimum 1 dB BW
2961-SMA KR-2961-SMA Datasheet
74Kb / 3P
   300 MHz minimum 1 dB BW
logo
TRACO Electronic AG
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
   TFI 300 Series, 300 Watt
Rev. July 7, 2021
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
NXP Semiconductors
AN11293 NXP-AN11293 Datasheet
372Kb / 19P
   BGA3012 - 5 MHz to 300 MHz 12 dB reverse amplifier
Rev. 1-14 February 2013
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
   High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
NXP Semiconductors
AN11294 NXP-AN11294 Datasheet
371Kb / 19P
   BGA3015 - 5 MHz to 300 MHz 15 dB reverse amplifier
Rev. 1-14 February 2013
logo
Weidmuller
1059000000 WEIDMULLER-1059000000 Datasheet
339Kb / 4P
   W-Series, End bracket
October 6, 2021
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com