データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

930904 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 930904
部品情報  3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

930904 データシート(HTML) 1 Page - Molex Electronics Ltd.

  930904 Datasheet HTML 1Page - Molex Electronics Ltd. 930904 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39930-0304
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.81mm Pitch Beau™ EuroMate™ Pluggable PCB Terminal Block, Dual Level, 270°
Wire Entry, 4 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39930
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
EuroMate™Pluggable
Type
Euro Block
UPC
800756370620
Physical
Circuits (Loaded)
4
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
3.81mm
Pitch - Termination Interface
3.81mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
105°C
Termination Interface: Style
Screw or Lug
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
12A
Voltage - Maximum
300V
Material Info
Old Part Number
930904
Reference - Drawing Numbers
Sales Drawing
SD-39930-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39930Series
Mates With
39511-1004 , 39512-1004
This document was generated on 12/19/2014


同様の部品番号 - 930904

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
930904 MOLEX5-930904 Datasheet
379Kb / 2P
   3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 270째 Wire Entry, 4 Circuits
More results

同様の説明 - 930904

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
39930-0205 MOLEX11-39930-0205 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0203 MOLEX11-39930-0203 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39910-0304 MOLEX11-39910-0304 Datasheet
41Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0321 MOLEX11-39930-0321 Datasheet
47Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0404 MOLEX11-39930-0404 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0407 MOLEX11-39930-0407 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0409 MOLEX11-39930-0409 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0411 MOLEX11-39930-0411 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0416 MOLEX11-39930-0416 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0418 MOLEX11-39930-0418 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0512 MOLEX11-39930-0512 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com