データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC695FL データシート(PDF) 9 Page - ATMEL Corporation

部品番号 TSC695FL
部品情報  Integer Unit Based on SPARC V7 High-performance RISC Architecture
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695FL データシート(HTML) 9 Page - ATMEL Corporation

Back Button TSC695FL_14 Datasheet HTML 5Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 6Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 7Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 8Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 9Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 10Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 11Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 12Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
TSC695FL
4204C–AERO–05/05
Synchronous Traps
Table 3. Synchronous Traps
Trap
Priority
Trap Type (tt) Comments
Reset
1
-
Sources: SYSRESET* pin
software reset
watchdog reset
IU or System error reset
Non-restartable, imprecise
error
2
2.1
64h
Severe error requiring a re-boot
TSC695FL enters (if not masked) in halt or reset mode.
Non-restartable,
precise error
2.2
62h
Error not removable, PC & nPC OK
TSC695FL enters (if not masked) in halt or reset mode.
Register file error
2.3
65h
Special case of non-restartable, precise error.
TSC695FL enters (if not masked) in halt or reset mode.
Restartable, late error
2.4
63h
Retrying instruction but PC & nPC have to be re-adjusted
TSC695FL enters (if not masked) in halt or reset mode.
Restartable,
precise error
2.5
61h
Retrying instruction
TSC695FL enters (if not masked) in halt or reset mode.
Instruction access
(Error on instruction fetch)
3
01h
Parity error on control bus
Parity error on data bus
Parity error on address bus
Access to protected or unimplemented area
Uncorrectable error in memory
Bus time out
Bus error
Illegal Instruction
4
02h
-
Privileged instruction
5
03h
-
FPU disabled
6
04h
-
Window
Overflow
7
05h
During SAVE instruction or trap taken
Underflow
06h
During RESTORE instruction or RETT instruction
Memory address not aligned
8
07h
-
Non-restartable error
9
9.1
08h
Severe error, cannot restart the instruction.
Data bus error
9.2
Parity error on FPU data bus.
Restartable error
9.3
Can be removed restarting the instruction.
Sequence error
9.4
-
Unimplemented FPop
9.5
-
IEEE exceptions:
9.6
Invalid operation
Division by zero
Overflow
Underflow
Inexact


同様の部品番号 - TSC695FL_14

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC695FL-15MA ATMEL-TSC695FL-15MA Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL-15MA-E ATMEL-TSC695FL-15MA-E Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL-15MB-E ATMEL-TSC695FL-15MB-E Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL-15SASB ATMEL-TSC695FL-15SASB Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
More results

同様の説明 - TSC695FL_14

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_14 Datasheet
2Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com