データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC695FL データシート(PDF) 1 Page - ATMEL Corporation

部品番号 TSC695FL
部品情報  Integer Unit Based on SPARC V7 High-performance RISC Architecture
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695FL データシート(HTML) 1 Page - ATMEL Corporation

  TSC695FL_14 Datasheet HTML 1Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 2Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 3Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 4Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 5Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 6Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 7Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 8Page - ATMEL Corporation TSC695FL_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Rev. 4204C–AERO–05/05
Features
Integer Unit Based on SPARC V7 High-performance RISC Architecture
Optimized Integrated 32/64-bit Floating-point Unit
On-chip Peripherals
– EDAC and Parity Generator and Checker
– Memory Interface
Chip Select Generator
Waitstate Generation
Memory Protection
–DMA Arbiter
–Timers
General Purpose Timer (GPT)
Real-time Clock Timer (RTCT)
Watchdog Timer (WDT)
– Interrupt Controller With 5 External Inputs
– General Purpose Interface (GPI)
– Dual UART
Speed Optimized Code RAM Interface
8- or 40-bit boot-PROM (Flash) Interface
IEEE 1149.1 Test Access Port (TAP) for Debugging and Test Purposes
Fully Static Design
Performance: 12 MIPs/3 MFlops (Double Precision) at SYSCLK = 15 MHz
Core Consumption: 0.3W Typ. at 12 MIPs
Operating Range: 3.15V to 3.45V -55°C to +125°C
Tested up to a Total Dose of 300 Krds (si) according toMIL STD 883 Method 1019
No Single Event Latch-up Below an LET Threshold of 80 MeV/mg/cm2
Single Event Upsets Error Rate Better than:
– 2 E-7 Error/Component/Day in GEO Orbit
– 5 E-5 Error/Component/Day in LEO Orbit (53°, 1000 km)
Quality Grades: ESCC, and QMLQ or V with 5962-03246
Package: 256 MQFPF; Bare Die
Description
The TSC695FL (ERC32 Single-Chip) is a highly integrated, high-performance 32-bit
RISC embedded processor implementing the SPARC architecture V7 specification. It
has been developed with the support of the ESA (European Space Agency), and
offers a full development environment for embedded space applications.
The processor is manufactured using the Atmel 0.5 µm radiation tolerant (
≥ 300
KRADs (Si)) CMOS enhanced process (RTP). It can operate at a low voltage for opti-
mized power consumption (see datasheet TSC695FL). It has been specially designed
for space, as it has on-chip concurrent transient and permanent error detection.
The TSC695FL includes an on-chip Integer Unit (IU), a Floating Point Unit (FPU), a
Memory Controller and a DMA arbiter. For real-time applications, the TSC695FL
offers a high security watchdog, two timers, an interrupt controller, parallel and serial
interfaces. Fault tolerance is supported using parity on internal/external buses and an
EDAC on the external data bus. The design is highly testable with the support of an
On-Chip Debugger (OCD), and a boundary scan through JTAG interface.
The TSC695FL is a selection of the TSC5695F performed for a narrow 3.3V biasing
voltage range (± 0.15V), as such, this specification can be only met by the products
solds as TSC695FL. Where computing power is not the key factor, it allows for a dra-
matic power consumption reduction (70%).
Low-Voltage
Rad-Hard 32-bit
SPARC
Embedded
Processor
TSC695FL


同様の部品番号 - TSC695FL_14

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC695FL-15MA ATMEL-TSC695FL-15MA Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL-15MA-E ATMEL-TSC695FL-15MA-E Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL-15MB-E ATMEL-TSC695FL-15MB-E Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL-15SASB ATMEL-TSC695FL-15SASB Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
More results

同様の説明 - TSC695FL_14

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_14 Datasheet
2Mb / 42P
   Integer Unit Based on SPARC V7 High-performance RISC Architecture
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com