データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2527AX_2015 データシート(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BU2527AX_2015
部品情報  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BU2527AX_2015 データシート(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BU2527AX_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BU2527AX_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BU2527AX_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
BU2527AX
DESCRIPTION
・With TO-3PML package
・High voltage
・High speed switching
APPLICATIONS
・For use in horizontal deflection
circuits of high resolution monitors
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Fig.1 simplified outline (TO-3PML) and symbol
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
1500
V
VCEO
Collector-emitter voltage
Open base
800
V
VEBO
Emitter-base voltage
Open collector
7.5
V
IC
Collector current (DC)
12
A
ICP
Collector current (Pulse)
30
A
IB
Base current (DC)
8
A
IBM
Base current (Pulse)
12
A
Ptot
Total power dissipation
TC=25℃
45
W
Tj
Max.operating junction temperature
150
Tstg
Storage temperature
-55~150
JMnic


同様の部品番号 - BU2527AX_2015

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BU2527AX PHILIPS-BU2527AX Datasheet
72Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 2.200
logo
Inchange Semiconductor ...
BU2527AX ISC-BU2527AX Datasheet
105Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2527AX SAVANTIC-BU2527AX Datasheet
146Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU2527AX JMNIC-BU2527AX Datasheet
77Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2527AX SAVANTIC-BU2527AX Datasheet
148Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - BU2527AX_2015

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com