データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-7881_2015 データシート(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 MC-7881_2015
部品情報  870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7881_2015 データシート(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7881_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet PG10313EJ01V0DS
4
MC-7881
NOTES ON CORRECT USE
(1) The space between PC board and root of the lead should be kept more than 1 mm to prevent undesired stress
to the lead and also should be kept less than 4 mm to prevent undesired parasitic inductance.
Recommended that space is 2.0 to 3.0 mm typical.
(2) Recommended torque strength of the screw is 59 to 78 Ncm.
(3) Form the ground pattern as wide as possible to minimize ground impedance.
(to prevent undesired oscillation)
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Partial Heating
Peak temperature (pin temperature) : 350
°C or below Note
Soldering time (per pin of device)
: 3 seconds or less
Note The point of pin part heating must be kept more than 1.2 mm distance from the root of lead.


同様の部品番号 - MC-7881_2015

メーカー部品番号データシート部品情報
logo
California Eastern Labs
MC-7881-AZ CEL-MC-7881-AZ Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7881-AZ RENESAS-MC-7881-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

同様の説明 - MC-7881_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com