データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-7882_2015 データシート(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 MC-7882_2015
部品情報  870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7882_2015 データシート(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7882_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7882_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7882_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7882_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7882_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7882_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
GaAs MULTI-CHIP MODULE
MC-7882
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
©
©
©
© NEC Compound Semiconductor Devices 2002, 2003
Document No. PG10314EJ01V0DS (1st edition)
Date Published January 2003 CP(K)
Printed in Japan
DESCRIPTION
The MC-7882 is a GaAs Multi-chip Module designed for use in CATV applications up to 870 MHz. This unit has
low distortion, low noise figure and return loss across the entire frequency band.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• Low distortion
• High linear gain
GL = 20.0 dB MIN. @ f = 870 MHz
• Low return loss
ORDERING INFORMATION
Part Number
Package
Supplying Form
MC-7882
7-pin special with heatsink
50 pcs MAX./Tray
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: MC-7882
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
30
V
Input Voltage
Note
Vi
65.0
dBmV
Operating Case Temperature
TC
−30 to +100
°C
Storage Temperature
Tstg
−40 to +100
°C
Note In case of single tone


同様の部品番号 - MC-7882_2015

メーカー部品番号データシート部品情報
logo
California Eastern Labs
MC-7882-AZ CEL-MC-7882-AZ Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7882-AZ RENESAS-MC-7882-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

同様の説明 - MC-7882_2015

メーカー部品番号データシート部品情報
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881_2015 JMNIC-MC-7881_2015 Datasheet
39Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com