データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC9707T データシート(PDF) 11 Page - Hynix Semiconductor

部品番号 STAC9707T
部品情報  Multimedia Audio Codec for AC97
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707T データシート(HTML) 11 Page - Hynix Semiconductor

Back Button STAC9707T Datasheet HTML 7Page - Hynix Semiconductor STAC9707T Datasheet HTML 8Page - Hynix Semiconductor STAC9707T Datasheet HTML 9Page - Hynix Semiconductor STAC9707T Datasheet HTML 10Page - Hynix Semiconductor STAC9707T Datasheet HTML 11Page - Hynix Semiconductor STAC9707T Datasheet HTML 12Page - Hynix Semiconductor STAC9707T Datasheet HTML 13Page - Hynix Semiconductor STAC9707T Datasheet HTML 14Page - Hynix Semiconductor STAC9707T Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
11
10/02/98
1.4 Power and Ground Signals
Table 6. Power Signal List STAC9704/7
SIGNAL NAME
TYPE
STAC9704
STAC9707
AVdd1
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVdd2
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVss1
I
Analog Gnd
Analog Gnd
AVss2
I
Analog Gnd
Analog Gnd
DVdd1
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVdd2
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVss1
I
Digital Gnd
Digital Gnd
DVss2
I
Digital Gnd
Digital Gnd
2. AC-LINK
Below is the figure of the AC-link point to point serial interconnect between the STAC9704/7 and its companion
controller.
All digital audio streams and command/status information are communicated over this AC-link.
Please refer to the “Digital Interface” section 3 for details.
Figure 4. STAC9704/7’s AC97-link to its companion controller
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
Digital
DC’97
Controller
STAC9704/7
XTAL_IN
XTAL_OUT


同様の部品番号 - STAC9707T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
STAC9708T ETC-STAC9708T Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
More results

同様の説明 - STAC9707T

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Asahi Kasei Microsystem...
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
   AC97 AUDIO CODEC WITH SRC AND DIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com