データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD30NF04LT データシート(PDF) 4 Page - STMicroelectronics

部品番号 STD30NF04LT
部品情報  N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NF04LT データシート(HTML) 4 Page - STMicroelectronics

  STD30NF04LT Datasheet HTML 1Page - STMicroelectronics STD30NF04LT Datasheet HTML 2Page - STMicroelectronics STD30NF04LT Datasheet HTML 3Page - STMicroelectronics STD30NF04LT Datasheet HTML 4Page - STMicroelectronics STD30NF04LT Datasheet HTML 5Page - STMicroelectronics STD30NF04LT Datasheet HTML 6Page - STMicroelectronics STD30NF04LT Datasheet HTML 7Page - STMicroelectronics STD30NF04LT Datasheet HTML 8Page - STMicroelectronics STD30NF04LT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STD30NF04LT
4/15
Doc ID 023954 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS =0
40
-
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 40 V
VDS = 4 V, TC = 125 °C
-
10
100
µA
µA
IGSS
(1)
1.
Tested @ VGS = ± 22 V at water level
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
-
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
-
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 15 A
VGS = 5 V, ID = 15 A
-
0.03
0.05
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
Forward
transconductance
VDS = 15 V, ID = 15 A
-
18
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
720
220
45
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 20 V, ID = 15 A
RG =4.7 Ω VGS = 10 V
(see Figure 14)
-
6
45
25
10
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 20 V, ID = 30 A,
VGS = 10 V
(see Figure 15)
-
17
3.8
4
25
nC
nC
nC


同様の部品番号 - STD30NF04LT

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
STD30NF04LT VBSEMI-STD30NF04LT Datasheet
979Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD30NF04LT DOINGTER-STD30NF04LT Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

同様の説明 - STD30NF04LT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
   Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
Rev 2 - April 2020
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
   P-channel -30 V, 12 m廓 typ., -40 A STripFET??H6 Power MOSFET in a DPAK package
March 2016 Rev 4
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
   N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
Rev 3 - August 2018
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
   N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
   P-channel 40 V, 0.0175 廓 typ.,36 A, STripFET??F6 Power MOSFET in a DPAK package
March 2015 Rev 2
STB18NF30 STMICROELECTRONICS-STB18NF30 Datasheet
1,003Kb / 15P
   Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
   Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
DS11845 - Rev 3 - October 2019
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
   P-channel 30 V, 0.01 廓 typ., 52 A, STripFET??H6 Power MOSFET in a DPAK package
September 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com