データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC670DB データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74HC670DB
部品情報  4 x 4 register file 3-state
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC670DB データシート(HTML) 3 Page - NXP Semiconductors

  74HC670DB Datasheet HTML 1Page - NXP Semiconductors 74HC670DB Datasheet HTML 2Page - NXP Semiconductors 74HC670DB Datasheet HTML 3Page - NXP Semiconductors 74HC670DB Datasheet HTML 4Page - NXP Semiconductors 74HC670DB Datasheet HTML 5Page - NXP Semiconductors 74HC670DB Datasheet HTML 6Page - NXP Semiconductors 74HC670DB Datasheet HTML 7Page - NXP Semiconductors 74HC670DB Datasheet HTML 8Page - NXP Semiconductors 74HC670DB Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
December 1990
3
Philips Semiconductors
Product specification
4 x 4 register file; 3-state
74HC/HCT670
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
5, 4
RA, RB
read address inputs
8
GND
ground (0 V)
10, 9, 7, 6
Q0 to Q3
data outputs
11
RE
3-state output read enable input (active LOW)
12
WE
write enable input (active LOW)
14, 13
WA, WB
write address inputs
15, 1, 2, 3
D0 to D3
data inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
WRITE MODE SELECT TABLE
Note
1. The write address (WA and WB) to the
“internal latches” must be stable while WE is
LOW for conventional operation.
OPERATING
MODE
INPUTS
INTERNAL
LATCHES(1)
WE
Dn
write data
L
L
L
H
L
H
data latched
H
X
no change
READ MODE SELECT TABLE
Notes
1. The selection of the “internal latches” by read address
(RA and RB) are not constrained by WE or RE operation.
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF-state
OPERATING
MODE
INPUTS
OUTPUT
RE
INTERNAL LATCHES(1)
Qn
read
L
L
L
H
L
H
disabled
H
X
Z


同様の部品番号 - 74HC670DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC670D PHILIPS-74HC670D Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
More results

同様の説明 - 74HC670DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
   4 x 4 Register File with 3-State Output
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
   3-STATE 4-by-4 Register File
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Hitachi Semiconductor
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com