データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC251SJ データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74AC251SJ
部品情報  8-Input Multiplexer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC251SJ データシート(HTML) 4 Page - Fairchild Semiconductor

  74AC251SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC251SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V.
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
(V)
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
±0.5
±5.0
µA
VI = VIL, VIH
Current
VO = VCC, GND
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
11.5
17.5
1.5
19.0
ns
Sn to Z or Z
5.0
1.5
8.5
12.5
1.5
13.5
tPHL
Propagation Delay
3.3
1.5
11.0
17.5
1.5
19.0
ns
Sn to Z or Z
5.0
1.5
8.0
12.5
1.5
13.5
tPLH
Propagation Delay
3.3
1.5
10.0
14.0
1.5
15.5
ns
In to Z or Z
5.0
1.5
7.0
10.0
1.5
11.0
tPHL
Propagation Delay
3.3
1.5
9.0
14.0
1.5
15.5
ns
In to Z or Z
5.0
1.5
6.5
10.0
1.5
11.0
tPZH
Output Enable Time
3.3
1.5
7.5
11.0
1.5
12.0
ns
OE to Z or Z
5.0
1.5
5.5
8.0
1.5
9.0
tPZL
Output Enable Time
3.3
1.5
7.5
11.0
1.5
12.0
ns
OE to Z or Z
5.0
1.5
5.5
8.0
1.5
9.0
tPHZ
Output Disable Time
3.3
1.5
8.5
11.5
1.5
13.0
ns
OE to Z or Z
5.0
1.5
7.0
9.5
1.5
10.0
tPLZ
Output Disable Time
3.3
1.5
7.0
11.0
1.5
12.0
ns
OE to Z or Z
5.0
1.5
5.5
8.0
1.5
8.5


同様の部品番号 - 74AC251SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC251SJ FAIRCHILD-74AC251SJ Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
More results

同様の説明 - 74AC251SJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com