データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACT373 データシート(PDF) 7 Page - Texas Instruments

部品番号 54ACT373
部品情報  54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

54ACT373 データシート(HTML) 7 Page - Texas Instruments

Back Button 54ACT373 Datasheet HTML 3Page - Texas Instruments 54ACT373 Datasheet HTML 4Page - Texas Instruments 54ACT373 Datasheet HTML 5Page - Texas Instruments 54ACT373 Datasheet HTML 6Page - Texas Instruments 54ACT373 Datasheet HTML 7Page - Texas Instruments 54ACT373 Datasheet HTML 8Page - Texas Instruments 54ACT373 Datasheet HTML 9Page - Texas Instruments 54ACT373 Datasheet HTML 10Page - Texas Instruments 54ACT373 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
D
n to On
5.0
1.5
11.5
t
PHL
Propagation Delay
3.3
1.0
16.0
ns
D
n to On
5.0
1.5
11.5
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
LE to O
n
5.0
1.5
12.0
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
LE to O
n
5.0
1.5
11.0
t
PZH
Output Enable Time
3.3
1.0
14.0
ns
5.0
1.5
10.5
t
PZL
Output Enable Time
3.3
1.0
13.5
ns
5.0
1.5
10.0
t
PHZ
Output Disable Time
3.3
1.0
16.0
ns
5.0
1.5
13.5
t
PLZ
Output Disable Time
3.3
1.0
13.0
ns
5.0
1.5
10.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
3.3
6.5
ns
D
n to LE
5.0
5.0
t
h
Hold Time, HIGH or LOW
3.3
1.0
ns
D
n to LE
5.0
1.0
t
w
LE Pulse Width,
3.3
6.5
ns
HIGH
5.0
5.0
Note 9: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
6


同様の部品番号 - 54ACT373

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT373 NSC-54ACT373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54ACT373D NSC-54ACT373D Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54ACT373F NSC-54ACT373F Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54ACT373L NSC-54ACT373L Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
More results

同様の説明 - 54ACT373

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com