データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-6505A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 HLMP-6505A
部品情報  SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-6505A データシート(HTML) 1 Page - Fairchild Semiconductor

  HLMP-6505A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-6505A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-6505A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-6505A Datasheet HTML 4Page - Fairchild Semiconductor HLMP-6505A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
.010 (.26)
.002 (.06)
.056 (1.44)
.048 (1.24)
.024 (.6)
.016 (.4)
.091 (2.3)
.083 (2.1)
.020 (.5)
.012 (.3)
.276 (7.0)
MIN
.058 (1.48)
.050 (1.28)
.087 (2.2)
.079 (2.0)
.031 (.78)
.023 (.58)
CATHODE MARK
(COLOR STRIPE ON SIDE OF PACKAGE)
.075 (1.9)
.063 (1.6)
DIA
PACKAGE DIMENSIONS
HIGH EFF. RED
HLMP-6305A
Water Clear
MV6700A
Red Diffused
YELLOW
HLMP-6405A
Water Clear
MV6300A
Yellow Diffused
GREEN
HLMP-6505A
Water Clear
MV6400A
Green Diffused
AIGaAs RED
HLMP-Q105A
Water Clear
HLMP-Q150A
Red Diffused
NOTES:
ALL DIMENSIONS ARE IN INCHES (mm).
DESCRIPTION
These T-3/4 subminiature LED lamps feature a square-base,
transfer molded package for surface mount applications. A tinted
diffused or water clear epoxy lens
 available in AIGaAs red,
high-efficiency red, green, and yellow
 produces wide-angle
beam emission and sharp on/off contrast. They are available with
gullwing lead bends for top mounting, as well as yoke lead bends
and Z-bends for mounting to the back of a PCB.
FEATURES
• Subminiature T-3/4 transfer molded
• Low package profile
• Axial leads
• Wide viewing angle
• SMT versions
Parameter
HLMP-6305A
HLMP-6405A
HLMP-6505A
HLMP-Q105A
UNITS
MV6700A
MV6300A
MV6400A
HLMP-Q150A
Power Dissipation
135
85
135
85
mW
Average Forward Current
30
20
30
30
mA
Peak Forward Current
(1
µS pulsewidth, 0.1% DF)
90
60
90
300
mA
Lead Soldering Time at 260
° C
5555
sec
Operating Temperature
-55 to +100
-55 to +100
-50 to +100
-20 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-50 to +100
-20 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
 2001 Fairchild Semiconductor Corporation
DS300000
2/27/01
1 OF 5
www.fairchildsemi.com


同様の部品番号 - HLMP-6505A

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-6505A QT-HLMP-6505A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6505A EVERLIGHT-HLMP-6505A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMP-6505A FAIRCHILD-HLMP-6505A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
More results

同様の説明 - HLMP-6505A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ155AGR FAIRCHILD-HLMPQ155AGR Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ155A FAIRCHILD-HLMPQ155A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
QT Optoelectronics
HLMP-6305A QT-HLMP-6305A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMPQ106AYR FAIRCHILD-HLMPQ106AYR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD5152 CML-CMD5152 Datasheet
66Kb / 1P
   T-1 3/4 Clear Lens LED Lamps
logo
QT Optoelectronics
MR5000 QT-MR5000 Datasheet
145Kb / 3P
   SUBMINIATURE T-3/4 RESISTOR LAMPS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com