データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL36A データシート(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 SL36A
部品情報  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SL36A データシート(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SL36A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL36A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL36A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL36A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL36A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL36A Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1346 Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
SL36A
1
10
100
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Forward Voltage Drop-VF(V)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
R everse Voltage-VR (V)
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Re ve rse V oltage-V R(V )
TJ=125℃
TJ=25℃
TJ=125℃
TJ=25℃
TJ=25℃
Fig.1-Typical Junction Capacitance Vs.Reverse
Voltage
Fig.2-Typical Values Of Reverse Current VS.Reverse
Voltage
Fig.3-Typical Forward Voltage Drop Characteristics


同様の部品番号 - SL36A

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SL36A GOOD-ARK-SL36A Datasheet
200Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Micro Commercial Compon...
SL36A MCC-SL36A Datasheet
451Kb / 3P
   Moisture Sensitivity Level 1
logo
Galaxy Semi-Conductor H...
SL36A BILIN-SL36A Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL36A CHENDA-SL36A Datasheet
242Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SL36A MCC-SL36A Datasheet
428Kb / 4P
   3 Amp Low VF Schottky Rectifier 40~100 Volts
More results

同様の説明 - SL36A

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com