データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDC02808PB データシート(PDF) 8 Page - Analog Devices

部品番号 ADDC02808PB
部品情報  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PB データシート(HTML) 8 Page - Analog Devices

Back Button ADDC02808PB_15 Datasheet HTML 4Page - Analog Devices ADDC02808PB_15 Datasheet HTML 5Page - Analog Devices ADDC02808PB_15 Datasheet HTML 6Page - Analog Devices ADDC02808PB_15 Datasheet HTML 7Page - Analog Devices ADDC02808PB_15 Datasheet HTML 8Page - Analog Devices ADDC02808PB_15 Datasheet HTML 9Page - Analog Devices ADDC02808PB_15 Datasheet HTML 10Page - Analog Devices ADDC02808PB_15 Datasheet HTML 11Page - Analog Devices ADDC02808PB_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADDC02808PB
REV. 0
–8–
PULSE WIDTH – ms
250
200
0
0
150
50
100
150
100
50
MAXIMUM PEAK
POWER LIMIT
MAXIMUM CONTINUOUS
POWER LIMIT
100W ave
50W ave
10W ave
25
75
125
Figure 17. Largest On-State Power vs. Pulse Width that
Maintains TJMAX ≤ 110°C at 90°C Baseplate
TRANSIENT RESPONSE
The standard ADDC02808PB is designed to deliver large
changes, or pulses, in load current with minimum output
voltage deviation and an ultrafast return to the nominal output
voltage. The compensation of the feedback loop is optimized,
and output stability is insured, for a broad range of external load
capacitance extending from 500
µF (R
ESR = 20 mΩ) to 4,000 µF
(RESR = 2.5 m
Ω). The variables that impact pulse performance
(the maximum output voltage deviation and the settling time)
are:
1. Size of step change in the output current.
2. Amount of external load capacitance.
3. Internal compensation of the feedback loop (factory set).
4. Connection from converter output to load.
Extensive modeling of the converter with ADI proprietary
software permits analysis and prediction of the impact each of
these parameters has on the pulse response. The analyses in this
data sheet are based on the load capacitance being comprised of
100
µF, 100 mΩ tantalum load capacitors such as the CSR21
style. Figure 18 is the prediction of the standard converter’s
response to a 24 A step change in load current (from 1 A to
25 A) with a load capacitance of 1,000
µF (R
ESR = 10 mΩ).
This is very close to the measured pulse response under the
same conditions shown in Figure 6.
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 18. Predicted Response to 24 A Step Change in
Load Current, di/dt = 12 A/
µs, for C
LOAD = 1,000 µF and
RESR = 10 mΩ
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
12A STEP CHANGE
24A STEP CHANGE
Figure 19. Predicted Response to 12 A and 24 A Step
Change in Load Current, di/dt = 12 A/
µs, for C
LOAD =
1000
µF and R
ESR = 10 mΩ
Step Change
If the step change is less than 24 A, the pulse response will im-
prove. For instance, with a 12 A step change, Figure 19 shows
a comparison of the response for a 24 A step change and a 12 A
step change in load.
Load Capacitance
Varying the external load capacitance and associated RESR be-
tween the range of CLOAD = 500
µF (R
ESR = 20 m
Ω) and C
LOAD
= 4,000
µF (R
ESR = 2.5 mΩ) results in the predicted waveforms
shown in Figures 20, 21, and 22. As can be seen, the larger the
capacitor, the smaller the deviation, but the longer the settling
time. Table I lists the maximum output voltage deviations and
settling times for the four combinations of CLOAD and RESR men-
tioned above. Note that these are based on the standard com-
pensation for the feedback loop.
Table I. Output Response to a 24 A (1 A–25 A) Step in Load
Current (Standard Compensation)
Typical
Settling Time
See
CLOAD
RESR
Deviation
(Within 1%)
Figure
500
µF
20 m
–7%
150
µs20
1,000
µF
10 m
–6%
175
µs18
2,000
µF5 mΩ
–5%
200
µs21
4,000
µF
2.5 m
–4%
250
µs22
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 20. Predicted Response for 24 A Step Load
Change in Load Current, di/dt = 12 A/
µs, for C
LOAD
= 500
µF and R
ESR = 20 mΩ
OBSOLETE


同様の部品番号 - ADDC02808PB_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDC02808PBKV AD-ADDC02808PBKV Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02808PBTV AD-ADDC02808PBTV Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02808PBTV/QMLH AD-ADDC02808PBTV/QMLH Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
More results

同様の説明 - ADDC02808PB_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com