データシートサーチシステム |
|
54928-0371 データシート(PDF) 1 Page - Molex Electronics Ltd. |
|
54928-0371 データシート(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 12/22/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 54928-0371 Status: Active Description: 7.50mm Pitch MTC™ Spring Type Receptacle, 3 Circuits Version, Black Color Documents: 3D Model Product Specification PS-51241-005 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Terminal Blocks Series 54928 Application N/A Component Type Plug Product Name MTC™ Type Euro Block UPC 822348355877 Physical Circuits (Loaded) 3 Circuits (maximum) 3 Entry Angle Vertical Flammability 94V-0 Lock to Mating Part Yes Number of Rows 1 Orientation Vertical Panel Mount No Pitch - Mating Interface 7.50mm Pitch - Termination Interface 7.50mm Polarized to Mating Part Yes Shrouded Fully Stackable No Temperature Range - Operating -30°C to +85°C Wire Size AWG 14, 16, 18, 20, 22, 24, 26 Electrical Current - Maximum per Contact 16A Voltage - Maximum 400V Material Info Reference - Drawing Numbers Product Specification PS-51241-005 Sales Drawing SD-54928-004 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 54928Series Mates With 55759 This document was generated on 12/22/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
同様の部品番号 - 54928-0371 |
|
同様の説明 - 54928-0371 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |