データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1819A データシート(PDF) 11 Page - Analog Devices

部品番号 AD1819A
部品情報  AC 97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1819A データシート(HTML) 11 Page - Analog Devices

Back Button AD1819A_15 Datasheet HTML 7Page - Analog Devices AD1819A_15 Datasheet HTML 8Page - Analog Devices AD1819A_15 Datasheet HTML 9Page - Analog Devices AD1819A_15 Datasheet HTML 10Page - Analog Devices AD1819A_15 Datasheet HTML 11Page - Analog Devices AD1819A_15 Datasheet HTML 12Page - Analog Devices AD1819A_15 Datasheet HTML 13Page - Analog Devices AD1819A_15 Datasheet HTML 14Page - Analog Devices AD1819A_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD1819A
–11–
REV. 0
Indexed Control Registers
g
e
R
m
u
N
e
m
a
N5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Dt
l
u
a
f
e
D
h
0
0t
e
s
e
RX
4
E
S3
E
S2
E
S1
E
S0
E
S9
D
I8
D
I7
D
I6
D
I5
D
I4
D
I3
D
I2
D
I1
D
I0
D
Ih
0
0
4
0
h
2
0e
m
u
l
o
V
r
e
t
s
a
MM
MX
5
V
M
L4
V
M
L3
V
M
L2
V
M
L1
V
M
L0
V
M
LX
X
5
V
M
R4
V
M
R3
V
M
R2
V
M
R1
V
M
R0
V
M
Rh
0
0
0
8
h
4
0d
e
v
r
e
s
e
R
X
X
X
X
XXXXX
XXXX
X
X
X
X
h
6
0o
n
o
M
e
m
u
l
o
V
r
e
t
s
a
MM
M
M
X
X
X
XXXXX
X
5
V
M
M4
V
M
M2
V
M
M2
V
M
M1
V
M
M0
V
M
Mh
0
0
0
8
h
8
0d
e
v
r
e
s
e
R
X
X
X
X
XXXXX
XXXX
X
X
X
X
h
A
0e
m
u
l
o
V
p
e
e
B
C
PM
C
P
X
X
X
XXXXX
X
X
3
V
C
P2
V
C
P1
V
C
P0
V
C
PX
h
0
0
0
8
h
C
0e
m
u
l
o
V
e
n
o
h
PM
H
P
X
X
X
XXXXX
X
X
4
V
H
P3
V
H
P2
V
H
P1
V
H
P0
V
H
Ph
8
0
0
8
h
E
0e
m
u
l
o
V
c
i
MM
C
M
X
X
X
XXXXX
0
2
MX
4
V
C
M3
V
C
M2
V
C
M1
V
C
M0
V
C
Mh
8
0
0
8
h
0
1e
m
u
l
o
V
n
I
e
n
i
LM
LX
X
4
V
L
L3
V
L
L2
V
L
L1
V
L
L0
V
L
LX
X
X
4
V
L
R3
V
L
R2
V
L
R1
V
L
R0
V
L
Rh
8
0
8
8
h
2
1e
m
u
l
o
V
D
CM
V
CX
X
4
V
C
L3
V
C
L2
V
C
L1
V
C
L0
V
C
LX
X
X
4
V
C
R3
V
C
R2
V
C
R1
V
C
R0
V
C
Rh
8
0
8
8
h
4
1e
m
u
l
o
V
o
e
d
i
VM
VX
X
4
V
V
L3
V
V
L2
V
V
L1
V
V
L0
V
V
LX
X
X
4
V
V
R3
V
V
R2
V
V
R1
V
V
R0
V
V
Rh
8
0
8
8
h
6
1e
m
u
l
o
V
x
u
AM
AX
X
4
V
A
L3
V
A
L2
V
A
L1
V
A
L0
V
A
LX
X
X
4
V
A
R3
V
A
R2
V
A
R1
V
A
R0
V
A
Rh
8
0
8
8
h
8
1l
o
V
t
u
O
M
C
PM
OX
X
4
V
O
L3
V
O
L2
V
O
L1
V
O
L0
V
O
LX
X
X
4
V
O
R3
V
O
R2
V
O
R1
V
O
R0
V
O
Rh
8
0
8
8
h
A
1t
c
e
l
e
S
d
r
o
c
e
R
XXX
X
X
2
S
L1
S
L0
S
L
X
XXXX
2
S
R1
S
R0
S
Rh
0
0
0
0
h
C
1n
i
a
G
d
r
o
c
e
RM
IX
X
X
3
M
I
L2
M
I
L1
M
I
L0
M
I
L
X
XXX
3
M
I
R2
M
I
R1
M
I
R0
M
I
Rh
0
0
0
8
h
E
1d
e
v
r
e
s
e
R
X
X
X
X
XXXXX
XXXX
X
X
X
X
h
0
2e
s
o
p
r
u
P
l
a
r
e
n
e
GP
O
PX
D
3X
X
X
X
I
MS
MK
B
P
L
XXXX
X
X
X
h
0
0
0
0
h
2
2l
o
r
t
n
o
C
D
3
X
X
X
X
XXXXX
X
X
X
3
P
D2
P
D1
P
D0
P
Dh
0
0
0
0
h
4
2d
e
v
r
e
s
e
R
X
X
X
X
XXXXX
XXXX
X
X
X
X
h
6
2t
a
t
S
/
r
t
n
o
C
n
w
o
D
-
r
e
w
o
PX
X
5
R
P4
R
P3
R
P2
R
P1
R
P0
R
P
X
XXX
F
E
RL
N
AC
A
DC
D
Ah
0
0
0
0
h
8
2d
e
v
r
e
s
e
R
X
X
X
X
XXXXX
XXXX
X
X
X
X
h
2
7d
e
v
r
e
s
e
R
X
X
X
X
XXXXX
XXXX
X
X
X
X
h
4
7n
o
i
t
a
r
u
g
i
f
n
o
C
l
a
i
r
e
S
T
O
L
S
6
1
M
G
E
R
2
M
G
E
R
1
M
G
E
R
0
E
Q
R
D
N
Q
R
L
D
2
Q
R
L
D
1
Q
R
L
D
0
X
XXXX
Q
R
R
D
2
Q
R
R
D
1
Q
R
R
D
0
h
0
0
0
7
h
6
7s
t
i
B
l
o
r
t
n
o
C
c
s
i
MZ
C
A
DX
X
X
X
R
S
L
DX
R
S
L
A
D
O
M
N
E
1
X
R
S
7
D
0
8
X
R
S
7
D
XX
R
S
R
DXR
S
R
Ah
0
0
0
0
h
8
70
e
t
a
R
e
l
p
m
a
S5
1
0
R
S4
1
0
R
S3
1
0
R
S2
1
0
R
S1
1
0
R
S0
1
0
R
S9
0
R
S8
0
R
S7
0
R
S6
0
R
S5
0
R
S4
0
R
S3
0
R
S2
0
R
S1
0
R
S0
0
R
Sh
0
8
B
B
h
A
71
e
t
a
R
e
l
p
m
a
S5
1
1
R
S4
1
1
R
S3
1
1
R
S2
1
1
R
S1
1
1
R
S0
1
1
R
S9
1
R
S8
1
R
S7
1
R
S6
1
R
S5
1
R
S4
1
R
S3
1
R
S2
1
R
S1
1
R
S0
1
R
Sh
0
8
B
B
h
C
71
D
I
r
o
d
n
e
V7
F6
F5
F4
F3
F2
F1
F0
F7
S6
S5
S4
S3
S2
S1
S0
Sh
4
4
1
4
h
E
72
D
I
r
o
d
n
e
V7
T6
T5
T4
T3
T2
T1
T0
T7
V
E
R6
V
E
R5
V
E
R4
V
E
R3
V
E
R2
V
E
R1
V
E
R0
V
E
Rh
3
0
3
5
NOTES
1. All registers not shown and bits containing an X are reserved.
2. Odd register addresses are aliased to the next lower even address.
3. Reserved registers should not be written.
4. Zeros should be written to reserved bits.
OBSOLETE


同様の部品番号 - AD1819A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1819 AD-AD1819 Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
More results

同様の説明 - AD1819A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com