データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4001A データシート(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

部品番号 SM4001A
部品情報  1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GWSEMI [Goodwork Semiconductor Co., Ltd .]
ホームページ  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SM4001A データシート(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SM4001A Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SM4001A Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
50
15
-65
+150
V
A
A
V
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Lead.
SM4001A THRU SM4007A
1.1
Typical Thermal Resistance R JL (Note 2)
30
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Operating and Storage Temperature Range TJ, TSTG
C
C/W
DO-214AC(SMA)
.205(5.20)
.189(4.80)
.177(4.50)
.157(3.99)
.012(0.31)
.006(0.15)
.058(1.47)
.052(1.32)
.087(2.20)
.071(1.80)
.060(1.52)
.030(0.76)
.110(2.79)
.100(2.54)
.005
(.127)
MAX.
UNITS
SM
SM
SM
SM
SM
SM
SM
4001A
4002A
4003A
4004A
4005A
4006A
4007A
A
A
at TL=100 C
490


同様の部品番号 - SM4001A

メーカー部品番号データシート部品情報
logo
Bytes
SM4001A BYTES-SM4001A Datasheet
154Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
logo
SUNMATE electronic Co.,...
SM4001A SUNMATE-SM4001A Datasheet
324Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
More results

同様の説明 - SM4001A

メーカー部品番号データシート部品情報
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
logo
Goodwork Semiconductor ...
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
M1 DGNJDZ-M1_05 Datasheet
118Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytesonic Electronics C...
M1F BYTESONIC-M1F Datasheet
317Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001M UNIOHM-SM4001M Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytes
SM4001A BYTES-SM4001A Datasheet
154Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com