データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5539 データシート(PDF) 8 Page - Analog Devices

部品番号 AD5539
部品情報  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5539 データシート(HTML) 8 Page - Analog Devices

Back Button AD5539_15 Datasheet HTML 4Page - Analog Devices AD5539_15 Datasheet HTML 5Page - Analog Devices AD5539_15 Datasheet HTML 6Page - Analog Devices AD5539_15 Datasheet HTML 7Page - Analog Devices AD5539_15 Datasheet HTML 8Page - Analog Devices AD5539_15 Datasheet HTML 9Page - Analog Devices AD5539_15 Datasheet HTML 10Page - Analog Devices AD5539_15 Datasheet HTML 11Page - Analog Devices AD5539_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5539
REV. B
–8–
frequency. Both of these circuit techniques add a large amount
of leading phase shift at the crossover frequency, greatly aiding
stability.
The lag network (RLAG, CLAG) increases the feedback attenua-
tion, i.e., the amplifier operates at a higher noise gain, above
some frequency, typically one-tenth of the crossover frequency.
As an example, to achieve a noise gain of 5 at frequencies above
44 MHz, for the circuit of Figure 15, would require a network
of:
R
LAG =
R1
4R1/ R2
() –1
(3)
and . . .
C
LAG =
1
2
π R
LAG
44
× 106
()
(4)
It is worth noting that an RLAG resistor may be used alone, to in-
crease the noise gain above 5 at all frequencies. However, this
approach has the disadvantage of also increasing the dc offset
and low frequency noise errors by an amount equal to the in-
crease in gain, in this case, by a factor of 5.
SOME PRACTICAL CIRCUITS
The preceding general principles may now be applied to some
actual circuits.
A General Purpose Inverter Circuit
Figure 17 is a general purpose inverter circuit operating at a
gain of –2.
For this circuit, the total capacitance at the inverting input is ap-
proximately 3 pF; therefore, CLEAD from Equations 1 and 2
needs to be approximately 1.5 pF. As shown in Figure 17, a
small trimmer is used to optimize the frequency response of this
circuit. Without a lag compensation network, the noise gain of
the circuit is 3.0 and, as shown in Figure 18, the output ampli-
tude remains within
±0.5 dB to 170 MHz and the –3 dB band-
width is 200 MHz.
Figure 17. A General Purpose Inverter Circuit
Figure 18. Response of the (Figure 17) Inverter Circuit
without a Lag Compensation Network
A lag network (Figure 15) can be added to improve the response
of this circuit even further as shown in Figures 19 and 20. In al-
most all cases, it is imperative to make capacitor CLEAD adjust-
able; in some cases, CLAG must also be variable. Otherwise,
component and circuit capacitance variations will dominate cir-
cuit performance.
Figure 19. Response of the (Figure 17) Inverter Circuit
with an RLAG Compensation Network Employed
Figure 20. Response of the (Figure 17) Inverter Circuit
with an RLAG and a CLAG Compensation Network
Employed
OBSOLETE


同様の部品番号 - AD5539_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5539J AD-AD5539J Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JN AD-AD5539JN Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JQ AD-AD5539JQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539S AD-AD5539S Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539SQ AD-AD5539SQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

同様の説明 - AD5539_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com