データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV101 データシート(PDF) 7 Page - Analog Devices

部品番号 ADV101
部品情報  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV101 データシート(HTML) 7 Page - Analog Devices

Back Button ADV101_15 Datasheet HTML 3Page - Analog Devices ADV101_15 Datasheet HTML 4Page - Analog Devices ADV101_15 Datasheet HTML 5Page - Analog Devices ADV101_15 Datasheet HTML 6Page - Analog Devices ADV101_15 Datasheet HTML 7Page - Analog Devices ADV101_15 Datasheet HTML 8Page - Analog Devices ADV101_15 Datasheet HTML 9Page - Analog Devices ADV101_15 Datasheet HTML 10Page - Analog Devices ADV101_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADV101
–7–
REV. B
If we, therefore, have a graphics system with a 1024
× 1024
resolution, a noninterlaced 60 Hz refresh rate and a retrace fac-
tor of 0.8, then:
Dot Rate = 1024
× 1024 × 60/0.8
Dot Rate = 78.6 MHz
Video Synchronization and Control
The ADV101 has a single composite video sync (SYNC) input
control. Many graphics processors and CRT controllers have
the ability of generating horizontal sync (HSYNC), vertical sync
(VSYNC) and composite SYNC.
In a graphics system which does not automatically generate a
composite SYNC signal, the inclusion of some additional logic
circuitry will enable the generation of a composite SYNC signal.
The ISYNC current output is typically connected directly to the
IOG output, thus encoding video synchronization information
onto the green video channel. If it is not required to encode sync
information onto the ADV101, the SYNC input should be tied
to logic low and ISYNC should be connected to analog GND.
Reference Input
An external 1.23 V voltage reference is required to drive the
ADV101. The AD589 from Analog Devices is an ideal choice of
reference. It is a two-terminal, low cost, temperature compen-
sated bandgap voltage reference which provides a fixed 1.23 V
output voltage for input currents between 50
µA and 5 mA. Fig-
ure 4 shows a typical reference circuit connection diagram. The
voltage reference gets its current drive from the ADV101’s VAA
through an external 1 k
Ω resistor to the V
REF pin. A 0.1 µF ce-
ramic capacitor is required between the COMP and VAA. This is
necessary so as to provide compensation for the internal refer-
ence amplifier.
The required CLOCK frequency is thus 78.6 MHz.
All video data and control inputs are latched into the ADV101
on the rising edge of CLOCK, as previously described in the
“Digital Inputs” section. It is recommended that the CLOCK
input to the ADV101 be driven by a TTL buffer (e.g., 74F244).
Table I. Video Output Truth Table
IOG
IOR, IOB
REF
DAC
Description
(mA)
1
(mA)
WHITE
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
19.05
1
1
1
xxH
WHITE LEVEL
26.67
19.05
0
1
1
FFH
VIDEO
video + 9.05
video + 1.44
0
1
1
data
VIDEO to BLANK
video + 1.44
video + 1.44
0
0
1
data
BLACK LEVEL
9.05
1.44
0
1
1
00H
BLACK to BLANK
1.44
1.44
0
0
1
00H
BLANK LEVEL
7.62
0
0
1
0
xxH
SYNC LEVEL
0
0
0
0
0
xxH
NOTE
1Typical with full-scale IOG = 26.67 mA. V
REF = 1.235 V, RSET = 560 Ω, ISYNC connected to IOG.
92.5 IRE
7.5 IRE
40 IRE
WHITE LEVEL
BLACK LEVEL
BLANK LEVEL
SYNC LEVEL
19.05
0.714
26.67
1.000
1.44
0.054
9.05
0.340
0
0
7.62
0.286
0
0
mA
V
mA
V
RED, BLUE
GREEN
NOTES
1. OUTPUTS CONNECTED TO A DOUBLY TERMINATED 75
Ω LOAD.
2. V
= 1.235V, R
= 560
Ω, I
CONNECTED TO IOG.
REF
SET
SYNC
3. RS-343A LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
Figure 3. RGB Video Output Waveform
OBSOLETE


同様の部品番号 - ADV101_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV101KN30 AD-ADV101KN30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN50 AD-ADV101KN50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN80 AD-ADV101KN80 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP30 AD-ADV101KP30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP50 AD-ADV101KP50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

同様の説明 - ADV101_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com