データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV478 データシート(PDF) 3 Page - Analog Devices

部品番号 ADV478
部品情報  CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV478 データシート(HTML) 3 Page - Analog Devices

  ADV478_15 Datasheet HTML 1Page - Analog Devices ADV478_15 Datasheet HTML 2Page - Analog Devices ADV478_15 Datasheet HTML 3Page - Analog Devices ADV478_15 Datasheet HTML 4Page - Analog Devices ADV478_15 Datasheet HTML 5Page - Analog Devices ADV478_15 Datasheet HTML 6Page - Analog Devices ADV478_15 Datasheet HTML 7Page - Analog Devices ADV478_15 Datasheet HTML 8Page - Analog Devices ADV478_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADV478/ADV471
–3–
REV. B
TIMING CHARACTERISTICS1
Parameter KP80 Version
KP66 Version
KP50 Version
KP35 Version
Units
Conditions/Comments
fMAX
80
66
50
35
MHz
Clock Rate
t1
10
10
10
10
ns min
RS0–RS2 Setup Time
t2
10
10
10
10
ns min
RS0–RS2 Hold Time
t3
5555ns min
RD
Asserted to Data Bus Driven
t4
40
40
40
40
ns max
RD
Asserted to Data Valid
t5
20
20
20
20
ns max
RD
Negated to Data Bus 3-Stated
t6
10
10
10
10
ns min
Write Data Setup Time
t7
10
10
10
10
ns min
Write Data Hold Time
t8
50
50
50
50
ns min
RD
, WR Pulse Width Low
t9
6
× t
12
6
× t
12
6
× t
12
6
× t
12
ns min
RD
, WR Pulse Width High
t10
3333ns min
Pixel and Control Setup Time
t11
3333ns min
Pixel and Control Hold Time
t12
12.5
15.3
20
28
ns min
Clock Cycle Time
t13
4567ns min
Clock Pulse Width High Time
t14
4569ns min
Clock Pulse Width Low Time
t15
30
30
30
30
ns max
Analog Output Delay
t16
3333ns typ
Analog Output Rise/Fall Time
t17
4
13
15.3
20
28
ns typ
Analog Output Settling Time
t18
2222ns max
Analog Output Skew
tPD
4
× t
12
4
× t
12
4
× t
12
4
× t
12
ns min
Pipeline Delay
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. Analog output load
≤10 pF, 37.5 Ω. D0–D7 output load ≤50 pF. See timing notes in Figure 2.
2
±5% for 80 MHz and 66 MHz parts; ±5% for 50 MHz and 35 MHz parts.
3Temperature Range (T
MIN to TMAX); 0°C to +70°C.
4Settling time does not include clock and data feedthrough. For this test, the digital inputs have a 1 k
Ω resistor to ground and are driven by 74HC logic.
Specifications subject to change without notice
TIMING DIAGRAMS
Figure 1. MPU Read/Write Timing
Figure 2. Video Input/Output Timing
(VAA
2 = +5 V, SETUP = 8/6 = V
AA, VREF = 1.235 V. RSET = 147
. All Specifications TMIN to TMAX
3.)
OBSOLETE


同様の部品番号 - ADV478_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV478KP35 AD-ADV478KP35 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478KP50 AD-ADV478KP50 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478KP66 AD-ADV478KP66 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478KP80 AD-ADV478KP80 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
More results

同様の説明 - ADV478_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
   CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
logo
Texas Instruments
TLC34058 TI1-TLC34058 Datasheet
481Kb / 26P
[Old version datasheet]   256 횞 24 COLOR PALETTE
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com