データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP181 データシート(PDF) 5 Page - Analog Devices

部品番号 OP181
部品情報  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP181 データシート(HTML) 5 Page - Analog Devices

  OP181_15 Datasheet HTML 1Page - Analog Devices OP181_15 Datasheet HTML 2Page - Analog Devices OP181_15 Datasheet HTML 3Page - Analog Devices OP181_15 Datasheet HTML 4Page - Analog Devices OP181_15 Datasheet HTML 5Page - Analog Devices OP181_15 Datasheet HTML 6Page - Analog Devices OP181_15 Datasheet HTML 7Page - Analog Devices OP181_15 Datasheet HTML 8Page - Analog Devices OP181_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP181/OP281/OP481
–5–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP181/OP281/OP481 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precau-
tions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +16 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . Gnd to VS + 10 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±3.5 V
Output Short-Circuit Duration to Gnd . . . . . . . . . . Indefinite
Storage Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP181/OP281/OP481G . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
JA*
JC
Units
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
8-Pin TSSOP (RU)
240
43
°C/W
14-Pin Plastic DIP (P)
76
33
°C/W
14-Pin SOIC (S)
120
36
°C/W
14-Pin TSSOP (RU)
240
43
°C/W
*
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for P-DIP packages;
θ
JA is specified for device soldered in circuit board for TSSOP
and SOIC packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP181GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP181GS
–40
°C to +85°C
8-Pin SOIC
SO-8
OP281GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP281GS
–40
°C to +85°C
8-Pin SOIC
SO-8
OP281GRU –40
°C to +85°C
8-Pin TSSOP
RU-8
OP481GP
–40
°C to +85°C
14-Pin Plastic DIP
N-14
OP481GS
–40
°C to +85°C
14-Pin SOIC
SO-14
OP481GRU –40
°C to +85°C
14-Pin TSSOP
RU-14
OBSOLETE


同様の部品番号 - OP181_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP181GP AD-OP181GP Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP181GS AD-OP181GS Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
More results

同様の説明 - OP181_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP281 AD-OP281_07 Datasheet
446Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP281 AD-OP281 Datasheet
963Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. B
OP181 AD-OP181 Datasheet
448Kb / 16P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
OP281 AD-OP281_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
OP481 AD-OP481_15 Datasheet
396Kb / 20P
   Ultralow Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com