データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD721 データシート(PDF) 4 Page - Analog Devices

部品番号 AD721
部品情報  RGB to NTSC/PAL Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD721 データシート(HTML) 4 Page - Analog Devices

  AD721_15 Datasheet HTML 1Page - Analog Devices AD721_15 Datasheet HTML 2Page - Analog Devices AD721_15 Datasheet HTML 3Page - Analog Devices AD721_15 Datasheet HTML 4Page - Analog Devices AD721_15 Datasheet HTML 5Page - Analog Devices AD721_15 Datasheet HTML 6Page - Analog Devices AD721_15 Datasheet HTML 7Page - Analog Devices AD721_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
75
75
TEKTRONIX TSG 300
COMPONENT VIDEO
WAVEFORM GENERATOR
AD720/AD721
RGB TO NTSC/PAL
ENCODER
SONY
MONITOR
MODEL 1342
TEKTRONIX 1910
COMPOSITE VIDEO
WAVEFORM GENERATOR
GENLOCK
RGB
3
COMPOSITE
SYNC
FSC
4FSC
PIXEL-CLOCK
GENERATOR
COMPOSITE VIDEO
TEKTRONIX VM700A
WAVEFORM MONITOR
Figure 1. AD720/AD721 Evaluation Setup
0.10
0.05
0.00
–0.05
–0.10
0.00
–0.04
0.00
–0.01
–0.04
–0.10
0.10
0.05
0.00
–0.05
–0.10
0.00
0.05
0.05
0.04
0.07
0.01
1ST
2ND
3RD
4TH
5TH
6TH
DG DP(NTSC) (SYNC = EXT)
FIELD = 1 LINE = 21
DIFFERENTIAL GAIN (%) MIN = –0.10; MAX = 0.00; p-p/MAX = 0.10
DIFFERENTIAL PHASE (
°) MIN = 0.00; MAX = 0.07; p-p = 0.07
Figure 2. Composite Output Differential Phase and Gain,
NTSC (Nulled to Chroma Output)
100.0
0.0
0.0
50.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.5
NOISE REDUCTION: 15.05dB
APL = 49.6%
525 LINE NTSC; NO FILTERING
SLOW CLAMP TO 0.00V AT 6.63
µs
SYNC = SOURCE
FRAMES SELECTED: 1 2
MICROSECONDS/PRECISION MODE OFF
VOLTS
IRE:FLT
Figure 3. Modulated Pulse and Bar, NTSC
0.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
MICROSECONDS
FRAMES SELECTED: 1 2; APL = 45.8%
525 LINE NTSC; NO FILTERING
SLOW CLAMP TO 0.00V AT 6.63
µs
PRECISION MODE OFF
SYNC = SOURCE
100.0
0.0
0.0
50.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.5
VOLTS
IRE:FLT
Figure 4. 100% Color Bars, NTSC
0.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
MICROSECONDS
FRAMES SELECTED: 1 2; APL = 11.3%
525 LINE NTSC; NO FILTERING
SLOW CLAMP TO 0.00V AT 6.63
µs
PRECISION MODE OFF
SYNC = SOURCE
100.0
0.0
0.0
50.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.5
VOLTS
IRE:FLT
Figure 5. Multipulse, NTSC
5.35
µs
4.82
µs
8.0
CYCLES
39.4 IRE
85ns
73ns
H TIMING MEASUREMENT RS-170A (NTSC)
FIELD = 1 LINE = 22
39.2 IRE
AVERAGE 32 TO 32
Figure 6. Horizontal Timing, NTSC
4.82
µs
1.98
µs
292.1mV
81ns
AVERAGE 32 TO 32
302.2mV
H TIMING (PAL)
LINE = 17
82ns
5.52
µs
Figure 7. Horizontal Timing, PAL
AD720/AD721–Typical Characteristics
–4–
REV. 0
OBSOLETE


同様の部品番号 - AD721_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD721-00 ETC2-AD721-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Emerson Network Power
AD7216N2L EMERSON-NETWORKPOWER-AD7216N2L Datasheet
204Kb / 2P
   Universal AC input
logo
Analog Devices
AD721JP AD-AD721JP Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
More results

同様の説明 - AD721_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8154 INTERSIL-HMP8154 Datasheet
579Kb / 34P
   NTSC/PAL Encoders
HMP8154 INTERSIL-HMP8154_05 Datasheet
563Kb / 34P
   NTSC/PAL Encoders
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com