データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148W-N データシート(PDF) 4 Page - Bruckewell Technology LTD

部品番号 1N4148W-N
部品情報  Switching Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1N4148W-N データシート(HTML) 4 Page - Bruckewell Technology LTD

  1N4148W-N Datasheet HTML 1Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 2Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 3Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 4Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 5Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 6Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1N4148W-N
Switching Diode
Publication Order Number: [1N4148W-N]
© Bruckewell Technology Corporation Rev. A -2014
• Typical Product field: Power supply, adapter & inverter
• Soldering Condition:
Soldering Condition & Caution
Recommended Soldering Condition(Refer to IPC/JEDEC J-STD-020D 4-1&5.2)
Recommended Profile Condition
Sn-Pb Soldering
Leadfree Soldering
Wave Soldering
Ramp-up rate (from pre-heat stage)
<3°C/s
<3°C/s
△T<150°C
Pre-heat Temperature & Time
100-150°C
60-120s
150-200°C
60-120s
100-150°C
60-120s
Soldering Temperature & Time
183°C
60-150s
217°C
60-150s
260±5°C
5±2s
Peak Temperature
230±5°C
<260°C
245±5°C
<260°C
260±5°C
Time within 5oC of peak temperature
10-20s
20-30s
--
Ramp-down rate
<6°C/s
<6°C/s
<6°C/s
Time 25oC to peak temperature
<6min
<8min
--
*Manual Soldering: Approx. 350oC for 3s, avoid solder iron tip direct touch the components body
Recommended Soldering Profile
Fig1: Reflow soldering profile for lead-free solder (SnAgCu)


同様の部品番号 - 1N4148W-N

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 22 - 2
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
331Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
340Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-7 DIODES-1N4148W-7 Datasheet
63Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
More results

同様の説明 - 1N4148W-N

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com