データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX51-BCX53 データシート(PDF) 6 Page - Bruckewell Technology LTD

部品番号 BCX51-BCX53
部品情報  PNP Silicon AF Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BCX51-BCX53 データシート(HTML) 6 Page - Bruckewell Technology LTD

  BCX51-BCX53 Datasheet HTML 1Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 2Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 3Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 4Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 5Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BCX51-BCX53
PNP Silicon AF Transistors
Publication Order Number: [BCX51-BCX53]
© Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


同様の部品番号 - BCX51-BCX53

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCX51-10 PHILIPS-BCX51-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51-10 SIEMENS-BCX51-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Nexperia B.V. All right...
BCX51-10 NEXPERIA-BCX51-10 Datasheet
1Mb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
logo
Infineon Technologies A...
BCX51-10 INFINEON-BCX51-10 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

同様の説明 - BCX51-BCX53

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com