データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL900 データシート(PDF) 1 Page - Extech Instruments Corporation.

部品番号 TL900
部品情報  SafeSense CAT IV Fused Test Leads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TL900 データシート(HTML) 1 Page - Extech Instruments Corporation.

  TL900 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TL900 SafeSense
CAT IV Fused Test Leads
Extech’s UL approved SafeSensetechnology senses the
presence of voltage even with a blown fuse for increased safety.
Standard shrouded banana-to-banana plug connectors fit most
multimeter input jacks. These test leads are CAT IV safety rated
with high quality dual-layered silicone construction cables. The
built-in fuse in the test probe body is replaceable.
Features
Intelligent UL approved SafeSense™ technology
makes it easy for user to know if voltage is present on
target area being measured, even with a blown fuse,
for increased safety
Two dual-layered silicone test lead cables (5.3ft/1.6m
long) with wear indication construction
Standard 90° shrouded banana-to-banana plug
connectors fit most multimeter input jacks
Two CAT IV probes have built-in replaceable
fuses (1000V, 11A, 20kA breaking capacity)
CAT IV-600V, CAT III-1000V, 10A with protective
safety cap
Each probe has 2mm probe tip and includes a 4mm
brass caged bayonet threaded tip (removable) for
connecting accessories
Ordering
TL900................ SafeSenseCAT IV Fused Test Leads
www.extech.com
Specifications subject to change without notice. Copyright © 2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 12/17/14
Threaded Probe
Tip (2mm)
CAT III / CAT IV
Safety Caps
Bayonet Threaded Tip
Attachment (4mm)
Test Probe Body
with Fuse
Lead with 90°
Banana Meter Jack
Dual Layer
Silicone Cable
Dual Layer
Silicone Cable
Threaded
Probe Handle
Fast Blow
Fuse
UPC Code: 793950399019


同様の部品番号 - TL900

メーカー部品番号データシート部品情報
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
   TACT SWITCHES - SOFT TOUCH
TL9000F120Q E-SWITCH-TL9000F120Q Datasheet
106Kb / 1P
   TACT SWITCHES - SOFT TOUCH
logo
Spectrum Microwave, Inc...
TL9003 SPECTRUM-TL9003 Datasheet
199Kb / 1P
   RF Hybrid Linearizers
logo
API Technologies Corp
TL9003 APITECH-TL9003 Datasheet
579Kb / 1P
   RF Hybrid Linearizers 2.5 dB Change per Control Volt
logo
Spectrum Microwave, Inc...
TL9007 SPECTRUM-TL9007 Datasheet
546Kb / 1P
   RF Hybrid Linearizers
More results

同様の説明 - TL900

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
DM220 EXTECH-DM220_15 Datasheet
353Kb / 1P
   CAT IV Pocket MultiMeter
logo
M-System Co.,Ltd.
HCLLEAD MSYSTEM-HCLLEAD Datasheet
66Kb / 1P
   TEST LEADS
logo
List of Unclassifed Man...
HSPL8568 ETC-HSPL8568 Datasheet
576Kb / 1P
   Ø 4 mm-Sicherheits-Programm CAT IV , Ø 4 mm Safety Programme CAT IV
logo
Extech Instruments Corp...
TL803 EXTECH-TL803_15 Datasheet
858Kb / 1P
   Standard Test Leads
TL807C EXTECH-TL807C_15 Datasheet
858Kb / 1P
   Standard Test Leads
logo
Fluke Corporation
TL175 FLUKE-TL175 Datasheet
929Kb / 2P
   TwistGuard??Test Leads
logo
Extech Instruments Corp...
EX570 EXTECH-EX570_15 Datasheet
494Kb / 1P
   CAT IV Industrial MultiMeter IR Thermometer
DV25 EXTECH-DV25_15 Datasheet
194Kb / 1P
   CAT IV AC Voltage Detector Flashlight
TL803 EXTECH-TL803 Datasheet
858Kb / 1P
   Standard Test Leads
TL807 EXTECH-TL807_15 Datasheet
271Kb / 1P
   Double Injected Test Leads
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com