データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL400 データシート(PDF) 2 Page - Bruckewell Technology LTD

部品番号 KBL400
部品情報  High case dielectric strength
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBL400 データシート(HTML) 2 Page - Bruckewell Technology LTD

  KBL400_10 Datasheet HTML 1Page - Bruckewell Technology LTD KBL400_10 Datasheet HTML 2Page - Bruckewell Technology LTD KBL400_10 Datasheet HTML 3Page - Bruckewell Technology LTD KBL400_10 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBL400_10
PRV : 50 - 1000 Volts
Io : 4.0 Amperes
Publication Order Number: [KBL400_10]
© Bruckewell Technology Corporation Rev. A -2014
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Average Forward Current
Tc = 50°C
IF(AV)
4.0
A
Rating for fusing ( t < 8.3 ms. )
I
2t
166
A
2S
Typical Thermal Resistance (Note 2)
RθJA
10
°C/W
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Rating
Symbol
KBL
400
KBL
401
KBL
402
KBL
404
KBL
406
KBL
408
KBL
410
Unit
Peak Forward Surge Current,
Single half sine wave
Superimposed on rated load
(JEDEC Method)
IFSM
200
V
Maximum Forward Voltage per Diode
at F = 1.0 A
VF
1.1
V
Maximum DC Reverse Current Ta = 25°C
IR
10
V
at Rated DC Blocking Voltage Ta = 100°C
IR(H)
1.0
A
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Notes
(1) Thermal resistance from Junction to Ambient with units mounted on a 3" X 3" X 0.11" THK ( 7.5cm X
7.5cm X 0.3cm ) Cu. plate.


同様の部品番号 - KBL400_10

メーカー部品番号データシート部品情報
logo
Shenzhen Ping Sheng Ele...
KBL400 PFS-KBL400_1 Datasheet
194Kb / 2P
   High current capability
logo
First Components Intern...
KBL400 FCI-KBL400_1 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

同様の説明 - KBL400_10

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
KBP200-KBP210 BWTECH-KBP200-KBP210 Datasheet
331Kb / 4P
   High case dielectric strength
logo
HY ELECTRONIC CORP.
D6KB6L HY-D6KB6L Datasheet
52Kb / 2P
   High case dielectric strength
logo
GeneSiC Semiconductor, ...
GBL04 GENESIC-GBL04 Datasheet
352Kb / 3P
   High case dielectric strength
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
   High case dielectric strength of 2500 V
logo
American Zettler, Inc.
AZ2150W AZETTLER-AZ2150W Datasheet
441Kb / 2P
   High dielectric strength version available
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
   3kV dielectric strength
HFD4-V HONGFA-HFD4-V Datasheet
777Kb / 5P
   SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
logo
List of Unclassifed Man...
BP-LMS-500P ETC2-BP-LMS-500P Datasheet
442Kb / 2P
   Polyimide film provides high dielectric strength
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
   Dielectric strength 5000 Vrms
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com