データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5429FCT52BTE データシート(PDF) 2 Page - Integrated Device Technology

部品番号 5429FCT52BTE
部品情報  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5429FCT52BTE データシート(HTML) 2 Page - Integrated Device Technology

  5429FCT52BTE Datasheet HTML 1Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 2Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 3Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 4Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 5Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 6Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 7Page - Integrated Device Technology 5429FCT52BTE Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.1
2
PIN CONFIGURATIONS
5
6
7
8
9
10
11
12
GND
1
2
3
4
24
23
22
21
20
19
18
17
Vcc
16
15
14
13
P24-1
D24-1
SO24-2
SO24-7*
SO24-8*
&
E24-1
A 6
A 5
A 4
A 3
A 2
CEB
CEA
CPB
CPA
OEA
A 1
A 0
A 7
B 6
B 5
B 4
B 3
B 2
B 1
B
B 7
0
OEB
2629 drw 02
5
6
7
8
9
10
11
L28-1
25
24
23
22
21
20
19
12 13 14 15 16 17 18
43
2
1
28 27 26
INDEX
2629 drw 03
B 3
B 2
B 1
B 0
A 5
A 4
A 3
A 2
A 1
A 0
OEB
NC
NC
B 4
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
LCC
TOP VIEW
* For 29FCT52/29FCT2052AT/BT/CT only
PIN DESCRIPTION
Name
I/O
Description
A0-7
I/O
Eight bidirectional lines carrying the A Register inputs or B Register outputs.
B0-7
I/O
Eight bidirectional lines carrying the B Register inputs or A Register outputs.
CPA
I
Clock for the A Register. When
CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition of
the CPA signal.
CEA
I
Clock Enable for the A Register. When
CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition
of the CPA signal. When
CEA is HIGH, the A Register holds its contents, regardless of CPA signal transitions.
OEB
I
Output Enable for the A Register. When
OEB is LOW, the A Register outputs are enabled onto the B0-7 lines. When
OEB is HIGH, the B0-7 outputs are in the high-impedance state.
CPB
I
Clock for the B Register. When
CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition of
the CPB signal.
CEB
I
Clock Enable for the B Register. When
CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition
of the CPB signal. When
CEB is HIGH, the B Register holds its contents, regardless of CPB signal transitions.
OEA
I
Output Enable for the B Register. When
OEA is LOW, the B Register outputs are enabled onto the A0-7 lines. When
OEA is HIGH, the A0-7 outputs are in the high-impedance state.
2629 tbl 01


同様の部品番号 - 5429FCT52BTE

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
5429FCT520ATD IDT-5429FCT520ATD Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATDB IDT-5429FCT520ATDB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATE IDT-5429FCT520ATE Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATEB IDT-5429FCT520ATEB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATL IDT-5429FCT520ATL Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

同様の説明 - 5429FCT52BTE

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com