データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC5661N_F085 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FDC5661N_F085
部品情報  N-Channel Logic Level PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC5661N_F085 データシート(HTML) 5 Page - Fairchild Semiconductor

  FDC5661N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDC5661N_F085 Rev. A
www.fairchildsemi.com
5
Figure 5.
0.01
0.1
1
10
100 300
0.01
0.1
1
10
100
1s
100ms
10us
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TA = 25
oC
DC
Forward Bias Safe Operating Area
Figure 6.
01
23
4
5
0
4
8
12
16
20
TJ = -55oC
TJ = 25oC
TJ = 150oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 7.
01
23
4
0
4
8
12
16
20
VGS = 4V
VGS = 10V
VGS = 6V
VGS = 3.5V
VGS = 4.5V
VGS = 5V
VGS = 3V
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Figure 8.
24
68
10
30
60
90
120
ID = 4.3A PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 150oC
Drain to Source On-Resistance
Variation vs Gate to Source Voltage
Figure 9.
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 4.3A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 10.
-80
-40
0
40
80
120
160
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs
Junction Temperature
Typical Characteristics


同様の部品番号 - FDC5661N_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
logo
VBsemi Electronics Co.,...
FDC5661N VBSEMI-FDC5661N Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC5661N TECHPUBLIC-FDC5661N Datasheet
1Mb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

同様の説明 - FDC5661N_F085

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDD24AN06L_F085 FAIRCHILD-FDD24AN06L_F085 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDB9403L-F085 ONSEMI-FDB9403L-F085 Datasheet
537Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9410L-F085 ONSEMI-FDMS9410L-F085 Datasheet
613Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com