データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC5661N_F085 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDC5661N_F085
部品情報  N-Channel Logic Level PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC5661N_F085 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDC5661N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDC5661N_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDC5661N_F085 Rev. A
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous (VGS = 10V)
4.3
A
Pulsed
20
PD
Power Dissipation
1.6
W
TJ, TSTG Operating and Storage Temperature
-55 to +150
oC
RθJC
Thermal Resistance Junction to Case
30
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in2 copper pad area
78
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
.661N
FDC5661N_F085
SSOT
-6
7”
8mm
3000 units
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 48V,
-
-
1
μA
VGS = 0V
TA = 150oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA1
2.0
3
V
rDS(on)
Drain to Source On Resistance
ID = 4.3A, VGS= 10V
-
38
47
m
Ω
ID = 4A, VGS= 4.5V
-
46
60
ID = 4.3A, VGS= 10V
TJ = 150oC
-69
86
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
763
-
pF
Coss
Output Capacitance
-
68
-
pF
Crss
Reverse Transfer Capacitance
-
36
-
pF
RG
Gate Resistance
f = 1MHz
-
2.6
-
Ω
Qg(TOT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD = 30V
ID = 4.3A
-
14.5
19
nC
Qgs
Gate to Source Gate Charge
-2.4
-
nC
Qgd
Gate to Drain “Miller“ Charge
-
2.9
-
nC


同様の部品番号 - FDC5661N_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
logo
VBsemi Electronics Co.,...
FDC5661N VBSEMI-FDC5661N Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC5661N TECHPUBLIC-FDC5661N Datasheet
1Mb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

同様の説明 - FDC5661N_F085

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDD24AN06L_F085 FAIRCHILD-FDD24AN06L_F085 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDB9403L-F085 ONSEMI-FDB9403L-F085 Datasheet
537Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9410L-F085 ONSEMI-FDMS9410L-F085 Datasheet
613Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com